Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2533 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation ATSAM2533 Datasheet HTML 10Page - ATMEL Corporation ATSAM2533 Datasheet HTML 11Page - ATMEL Corporation ATSAM2533 Datasheet HTML 12Page - ATMEL Corporation ATSAM2533 Datasheet HTML 13Page - ATMEL Corporation ATSAM2533 Datasheet HTML 14Page - ATMEL Corporation ATSAM2533 Datasheet HTML 15Page - ATMEL Corporation ATSAM2533 Datasheet HTML 16Page - ATMEL Corporation ATSAM2533 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
6396A–DRMSD–15-Oct-08
ATSAM2533
9.3
External ROM/Flash Timings
Figure 9-3.
RO/Flash Read Cycle
WCS/
WA0-
WA23
WOE/
WD0-
WD15
tCSOE
tRC
tPOE
tOE
tDF
tACE
Table 9-3.
External ROM/Flash Timing Parameters
Symbol
Parameter
Min
Typ
Mx
Unit
tRC
Read cycle time
5*tck
-
6*tck
ns
tCSOE
Chip select low/address valid to WOE low
2*tck-5
-
3*tck+5
ns
tPOE
Output enable pulse width
-
3*tck
-
ns
tACE
Chip select/address access time
5*tck-5
-
-
ns
tOE
Output enable access time
3*tck-5
-
-
ns
tDF
Chip select or WOE high to input data Hi-Z
0
-
2*tck-5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com