Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2533 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM2533 Datasheet HTML 1Page - ATMEL Corporation ATSAM2533 Datasheet HTML 2Page - ATMEL Corporation ATSAM2533 Datasheet HTML 3Page - ATMEL Corporation ATSAM2533 Datasheet HTML 4Page - ATMEL Corporation ATSAM2533 Datasheet HTML 5Page - ATMEL Corporation ATSAM2533 Datasheet HTML 6Page - ATMEL Corporation ATSAM2533 Datasheet HTML 7Page - ATMEL Corporation ATSAM2533 Datasheet HTML 8Page - ATMEL Corporation ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
6396A–DRMSD–15-Oct-08
ATSAM2533
UART, and the CODEC control interface, with minimum intervention from the control processor.
2.
ATSAM2533 IC Architecture Block Diagram
Figure 2-1.
ATSAM2533 IC Architecture Block Diagram
P16 Processor
16-bit CISC
Processor Core
includes
256 x 16 Data RAM
32K x 16 RAM
ROM
Debug/Flash Prog
MMU
Memory
Management
Unit
I/O Functions
Includes
Control/Status
MIDI USART
Timers
CODEC Data I/F
Host I/F FIFO
Synthesis/DSP
64 Slots
RISC DSP Core
Includes:
512 x 32 Alg RAM
128 x 28 MA1 RAM
256 x 28 MA2 RAM
256 x 28 MB RAM
256 x 16 MX RAM
256 x 12 MY RAM
64 x 13 ML RAM
ATSAM2533
CODEC
+ DAC
ROM
or
Flash
MIDI
8-bit Port
Debug
Flash Prog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com