Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2533 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM2533 Datasheet HTML 8Page - ATMEL Corporation ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation ATSAM2533 Datasheet HTML 10Page - ATMEL Corporation ATSAM2533 Datasheet HTML 11Page - ATMEL Corporation ATSAM2533 Datasheet HTML 12Page - ATMEL Corporation ATSAM2533 Datasheet HTML 13Page - ATMEL Corporation ATSAM2533 Datasheet HTML 14Page - ATMEL Corporation ATSAM2533 Datasheet HTML 15Page - ATMEL Corporation ATSAM2533 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
6396A–DRMSD–15-Oct-08
ATSAM2533
Figure 9-2.
Host Interface Write Cycle
9.2.2
IO Status Register
Status register is read when A0 = 1, RD = 0, CS = 0.
• TE: Transmit Empty
If 0, data from ATSAM2533 to host is pending and IRQ is high. Reading the data at A0 = 0 will set TE to 1 and clear IRQ.
• RF: Receiver Full
If 0, then ATSAM2533 is ready to accept DATA from host.
A0
CS/
WR/
D0-D7
tavcs
tcslwrl
tpwr
twrhcsh
tdws
tdwh
twrcyc
Table 9-2.
Timing Parameters
Symbol
Parameter
Min
Typ
Mx
Unit
tavcs
Address valid to chip select low
0
-
-
ns
tcslrdl
Chip select low to RD low
5
-
-
ns
trdhcsh
RD high to CS high
5
-
-
ns
tprd
RD pulse width
50
-
-
ns
trdldv
Data out valid from RD
-
-
20
ns
tdrh
Data out hold from RD
5
-
10
ns
tcslrwrl
Chip select low to WR low
5
-
-
ns
twrhcsh
WR high to CS high
5
-
-
ns
tpwr
WR pulse width
50
-
-
ns
tdws
Write data setup time
10
-
-
ns
tdwh
Write data hold time
0
-
-
ns
twrcyc
Write cycle
128
-
-
tck
76543210
TE
RF
XXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com