Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9515 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9515 Datasheet HTML 13Page - Torex Semiconductor XC9515 Datasheet HTML 14Page - Torex Semiconductor XC9515 Datasheet HTML 15Page - Torex Semiconductor XC9515 Datasheet HTML 16Page - Torex Semiconductor XC9515 Datasheet HTML 17Page - Torex Semiconductor XC9515 Datasheet HTML 18Page - Torex Semiconductor XC9515 Datasheet HTML 19Page - Torex Semiconductor XC9515 Datasheet HTML 20Page - Torex Semiconductor XC9515 Datasheet HTML 21Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/21
XC9515
Series
●QFN-20
Unit: mm
●QFN-20 Reference Pattern Layout
●QFN-20 Reference Metal Mask Design
0.5
3.2
2.7
4.6
1.1
0.3
0.5
3.3
4.5
0.3
1
2
3
4
5
15
14
13
12
10
67
8
9
20
16
17
18
19
0.40±0.05
2.70±0.05
11
1 PIN INDENT
4.00±0.10
0.02
0.75±0.05
(0.2)
-0.02
+0.03
■PACKAGING INFORMATION
*The solder filet may not be formed because of no plating at side.
Thickness of solder paste:120μm (reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com