Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9515 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9515 Datasheet HTML 1Page - Torex Semiconductor XC9515 Datasheet HTML 2Page - Torex Semiconductor XC9515 Datasheet HTML 3Page - Torex Semiconductor XC9515 Datasheet HTML 4Page - Torex Semiconductor XC9515 Datasheet HTML 5Page - Torex Semiconductor XC9515 Datasheet HTML 6Page - Torex Semiconductor XC9515 Datasheet HTML 7Page - Torex Semiconductor XC9515 Datasheet HTML 8Page - Torex Semiconductor XC9515 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
XC9515
Series
Test Conditions:
* P_VDD1
・2 stands for P_VDD1=P_VDD2
**Unless otherwise stated, P_VDD1
・2=5V, VEN1=VEN2= P_VDD1・2
*** A_VSS=P_VSS1=P_VSS2=0V
NOTE :
*1:When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*2:EFFI = { ( output voltage x output current ) / ( input voltage x input current) } x 100
*3:On resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4:Designed value.
*5:Time until it short-circuits LX1 (LX2 in the side of 2CH) with GND via 1Ωof resistor from an operational state and is set to Lx=0V from
current limit pulse generating.
*6:”H” is judged as “H”>VIN-0.1V, ”L” is judged as ”L”<0.1V.
*7:When temperature is high, a current of approximately 20μA (maximum) may leak.
*8:Current which EN1 and EN2 are measured separately.
*9:Lead current which LX1 and LX2 are measured separately.
XC9515AB04xx
● DC/DC CH1, CH2 (VOUT1=1.5V, VOUT2=3.3V, fOSC =1MHz, EN1・2 Pull-up inside)
Ta =25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Input Voltage
VIN
4.5
5.0
5.5
V
-
Output Voltage 1
VOUT1
Connected to the external components,
P_VDD1・2=VEN1=VEN2=0V, IOUT1=30mA
1.470 1.500 1.530
V
①
Output Voltage 2
VOUT2
Connected to the external components,
P_VDD1・2=VEN2=VEN1=0V, IOUT2=30mA
3.234 3.300 3.366
V
①
Maximum Output Current 1・2
(*1)
IOUTMAX1
IOUTMAX2
800
-
-
mA
①
Current Limit 1・2
I LIM1 ・
I LIM 2
1000
-
-
mA
②
Oscillation Frequency
fOSC
Connected to the external components, IOUT=10mA
0.85
1.00
1.15
MHz
①
Maximum Duty Cycle
MAXDTY VOUT1=VOUT2=0V
100
-
-
%
②
Minimum Duty Cycle
MINDTY VOUT1=VOUT2=VIN
-
-
0
%
②
Efficiency 1
(*2)
EFFI1
Connected to the external components,
P_VDD1・2=VEN1=5.0V, VEN2=0V,
VOUT1=1.5V, IOUT1=200mA
-
89
-
%
①
Efficiency 2
(*2)
EFFI2
Connected to the external components,
P_VDD1・2=VEN2=5.0V, VEN1=0V,
VOUT2=3.3V, IOUT2=200mA
-
94
-
%
①
LX1・2 "H" ON Resistance
RLX1H・RLX2H VOUT1=VOUT2=0V, ILx1=ILx2=100mA
(*3)
-
0.35
(*4)
-
Ω
③
LX1・2 "L" ON Resistance
RLX1L・RLX2L
-
0.35
(*4)
-
Ω
-
Integral Latch Time 1・2
tLAT1・ tLAT2
LX1 and LX2 are pulled down by a resistor of 200Ω
VOUT1=Setting Voltage×0.9,
VOUT2= Setting Voltage ×0.9
(*5)
-
6
-
ms
⑦
Soft-Start Time 1・2
tSS1・ tSS2
Time until EN1, EN2 or both pins changes from 0V to
VIN and voltage becomes VOUT1・2×0.95, IOUT1・2=10mA
-
1.3
-
ms
①
EN1・2 "H" Level Voltage
VEN1H・
VEN2H
VOUT1=VOUT2=0V
Voltage which LX1 or LX2 becomes ”H”
(*6)
1.2
-
5
V
④
EN1・2 "L" Level Voltage
VEN1L・
VEN2L
VOUT1=VOUT2=0V
Voltage which LX1 or LX2 becomes ”L”
(*6)
AVSS
-
0.4
V
④
EN1・2 "H" Level Current
IEN1H・IEN2H P_VDD1・2=VEN1=VEN2=5.5V
-
0.1
(*8)
μ
A
④
EN1・2 "L" Level Current
IEN1L・IEN2L P_VDD1・2=5.5V, VEN1=VEN2=0V
-
-6
(*8)
-
μ
A
④
LX1・2 "H" Leakage Current
(*7)
ILEAK1H・
ILEAK2H
P_VDD1・2=VLX1=VLX2=5.5V, VEN1=VEN2=0V
-
-
1.0
(*9)
μ
A
④
LX1・2 "L" Leakage Current
ILEAK1L・
ILEAK2L
P_VDD1・2=5.5V, VLX1=VLX2=VEN1=VEN2=0V
-3.0
(*9)
-
-
μ
A
④
■ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com