Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9515 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9515 Datasheet HTML 1Page - Torex Semiconductor XC9515 Datasheet HTML 2Page - Torex Semiconductor XC9515 Datasheet HTML 3Page - Torex Semiconductor XC9515 Datasheet HTML 4Page - Torex Semiconductor XC9515 Datasheet HTML 5Page - Torex Semiconductor XC9515 Datasheet HTML 6Page - Torex Semiconductor XC9515 Datasheet HTML 7Page - Torex Semiconductor XC9515 Datasheet HTML 8Page - Torex Semiconductor XC9515 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
XC9515 Series
* P_VDD1
・2 stands for P_VDD1=P_VDD2
A_VSS=P_VSS1=P_VSS2=0V
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
P_VDD1・P_VDD2 Pin Voltage
P_VDD1, P_VDD2
-0.3~6.5
V
VOUT1・VOUT2 Pin Voltage
VOUT1, VOUT2
-0.3~6.5
V
Cd Pin Voltage
VCd
-0.3~P_VDD1・2 + 0.3
V
VDOUT Pin Voltage
VDOUT
-0.3~6.5
V
VDOUT Pin Current
IDOUT
10
mA
EN1・EN2・MR Pin Voltage
VEN1, VEN2, VMR
-0.3~6.5
V
LX1・LX2 Pin Voltage
VLx1, VLx2
-0.3~P_VDD1・2+0.3
V
LX1・LX2 Pin Current
ILx1, ILx2
1500
mA
Pd (Free air)
300
Power Dissipation
QFN-20
Pd (Wiring on PCB)
1000
mW
Operating Temperature Range
Topr
-40 ~ +85
oC
Storage Temperature Range
Tstg
-55 ~ +125
oC
Current
Limit
ON/
OFF
Control
Soft
Start
Rdelay
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
Thermal
Shutdown
OSC
f
Vre
Current
Limit
Soft
Start
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
f
Vre
Error Amp
Error Amp
PWM
Comparator
PWM
Comparator
PVDD1
V
DOUT
LX1
Cd
MR
LX2
P
VDD2
P
VDD
P
VSS1
P
VSS2
V
OUT2
V
OUT1
EN1
EN2
A
VSS
Current
Limit
ON/
OFF
Control
Soft
Start
Rdelay
V
DOUT
LX1
Cd
MR
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
Thermal
Shutdown
OSC
f
Vre
Current
Limit
Soft
Start
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
f
Vre
Error Amp
Error Amp
PWM
Comparator
PWM
Comparator
LX2
P
VDD2
P
VDD
P
VSS1
P
VSS2
V
OUT2
V
OUT1
EN1
EN2
A
VSS
PVDD1
PVDD1
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com