Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9515 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9515 Datasheet HTML 1Page - Torex Semiconductor XC9515 Datasheet HTML 2Page - Torex Semiconductor XC9515 Datasheet HTML 3Page - Torex Semiconductor XC9515 Datasheet HTML 4Page - Torex Semiconductor XC9515 Datasheet HTML 5Page - Torex Semiconductor XC9515 Datasheet HTML 6Page - Torex Semiconductor XC9515 Datasheet HTML 7Page - Torex Semiconductor XC9515 Datasheet HTML 8Page - Torex Semiconductor XC9515 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
XC9515
Series
EN1, EN2 and MR pins are internally pulled up so that the levels of High and Open are same function.
EN1, EN2 and MR pins are floated inside so that these pins shall not be left open outside.
*
2) Please refer to the PRODUCTION CLASSIFICATION to see the combination of pull-up status regarding the EN1, EN2, and MR
pins.
PIN
LEVEL
OPERATIONAL STATUS
High , Open
DC/DC_CH1 Operation
EN1
Low
DC/DC_CH1 Stop
High , Open
DC/DC_CH2 Operation
EN2
Low
DC/DC_CH2 Stop
High , Open
VD_OUT Detect RESET Signal Output
MR
Low
VD_OUT Force RESET Signal Output
PIN
LEVEL
OPERATIONAL STATUS
High
DC/DC_CH1 Operation
EN1
Low
DC/DC_CH1 Stop
High
DC/DC_CH2 Operation
EN2
Low
DC/DC_CH2 Stop
High
VD_OUT Detect RESET Signal Output
MR
Low
VD_OUT Force RESET Signal Output
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
:Input Voltage Range 5V±10%, UVLO Voltage 2.7V (TYP.)
①
Input Voltage & UVLO
B
:Input Voltage Range 2.5V∼5.5V, UVLO Voltage 1.8V (TYP.)
A
:EN1, EN2, MR pins are not pulled up internally
B
:EN1, EN2 pins have built-in pull-up resistors,
MR pin has a built-in pull-up resistor
C
:EN1, EN2 Pins are not pulled up internally,
MR pin has a built-in pull-up resistor
②
EN & MR logic control conditions
D
:EN1, EN2 pins have built-in pull-up resistors,
MR pin are not pulled up internally
③④
Set Voltage Combinations
01∼
:Based on Torex Standard Product Number
⑤
Package
Z
:QFN-20
R
:Embossed tape, Standard feed
⑥
Device Orientation
L
:Embossed tape, Reverse feed
■PRODUCT CLASSIFICATION
●Ordering Information (Standard products)
XC9515①②③④⑤⑥
■FUNCTION CHART
●EN1, EN2 and MR pins are internally pulled up. *
2)
●EN1, EN2 and MR pins are left open internally. *
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com