Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9515 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9515 Datasheet HTML 1Page - Torex Semiconductor XC9515 Datasheet HTML 2Page - Torex Semiconductor XC9515 Datasheet HTML 3Page - Torex Semiconductor XC9515 Datasheet HTML 4Page - Torex Semiconductor XC9515 Datasheet HTML 5Page - Torex Semiconductor XC9515 Datasheet HTML 6Page - Torex Semiconductor XC9515 Datasheet HTML 7Page - Torex Semiconductor XC9515 Datasheet HTML 8Page - Torex Semiconductor XC9515 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/21
XC9515 Series
*1 Back metal pad voltage :VSS level
(The back metal pad should be soldered to enhance mounting strength and heat release. If the pad needs to be connected to
other circuit, care should be taken for the pad voltage level.)
NC
P
VSS1
NC
NC
MR
CD
QFN-20
(BOTTOM VIEW)
1
2
3
4
5
P
VSS2
15
14
13
12
11
V
out2
A
VSS
V
out1
※1
QFN-20
PIN
NUMBER
PIN NAME
FUNCTION
PIN
NUMBER
PIN NAME
FUNCTION
1
NC
No Connection
11
VOUT2
Output Voltage Sense 2
2
P_VSS1
Power Ground 1
12
Cd
Delay Capacitor Connection
3
NC
No Connection
13
A_VSS
Analog Ground
4
P_VSS2
Power Ground 2
14
MR
Manual Reset
5
NC
No Connection
15
VOUT1
Output Voltage Sense1
6
P_VDD2
Power Supply 2
16
EN2
CH2 ON/OFF Control
7
NC
No Connection
17
EN1
CH1 ON/OFF Control
8
LX2
Switching Output 2
18
LX1
Switching Output 1
9
NC
No Connection
19
NC
No Connection
10
VDOUT
Voltage Detector output
20
P_VDD1
Power Supply 1
■PIN CONFIGURATION
■ PIN ASSIGNMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com