Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6124F331ML Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6124F331ML
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6124F331ML Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6124F331ML Datasheet HTML 8Page - Torex Semiconductor XC6124F331ML Datasheet HTML 9Page - Torex Semiconductor XC6124F331ML Datasheet HTML 10Page - Torex Semiconductor XC6124F331ML Datasheet HTML 11Page - Torex Semiconductor XC6124F331ML Datasheet HTML 12Page - Torex Semiconductor XC6124F331ML Datasheet HTML 13Page - Torex Semiconductor XC6124F331ML Datasheet HTML 14Page - Torex Semiconductor XC6124F331ML Datasheet HTML 15Page - Torex Semiconductor XC6124F331ML Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12/23
XC6121/XC6122/XC6123/XC6124 Series
■NOTES ON USE
1. Please use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent
damage to the device.
2. When a resistor is connected between the VIN pin and the input, the VIN voltage drops while the IC is operating and a
malfunction may occur as a result of the IC’s through current.
3. In order to stabilize the IC’s operations, please ensure that the VIN pin’s input frequency’s rise and fall times are more than
1
μ s/V.
4. Noise at the power supply may cause a malfunction of the watchdog operation or the voltage detector. In such case,
please strength the line between VIN and the GND pin and connect about 0.22
μF of a capacitor between the VIN pin and
the GND pin.
5. Protecting against a malfunction while the watchdog time out period, an ignoring time (no reaction time) occurs to the rise
and fall times. Referring to the figure below, the ignoring time (no reaction time) lasts for 900
μs at maximum.
6. The EN pin of the XC6121 series is not internally pulled up. When using the watchdog function, please drive the EN pin in
high level. The EN pin of the XC6122 series is internally pulled up. The watchdog function can be used even the EN pin
left open. The ENB pin of the XC6123 series is not internally pulled down. When using the watchdog function, please
drive the ENB pin in low level. The ENB pin of the XC6124 series is internally pulled up. The watchdog function can be
used even the ENB pin left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com