Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6124F331ML Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XC6124F331ML
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6124F331ML Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XC6124F331ML Datasheet HTML 15Page - Torex Semiconductor XC6124F331ML Datasheet HTML 16Page - Torex Semiconductor XC6124F331ML Datasheet HTML 17Page - Torex Semiconductor XC6124F331ML Datasheet HTML 18Page - Torex Semiconductor XC6124F331ML Datasheet HTML 19Page - Torex Semiconductor XC6124F331ML Datasheet HTML 20Page - Torex Semiconductor XC6124F331ML Datasheet HTML 21Page - Torex Semiconductor XC6124F331ML Datasheet HTML 22Page - Torex Semiconductor XC6124F331ML Datasheet HTML 23Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20/23
XC6121/XC6122/XC6123/XC6124 Series
300
400
500
600
700
800
900
1000
1100
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
0.0
0.6
1.2
1.8
2.4
3.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6122
0.0
0.6
1.2
1.8
2.4
3.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6123~XC6124
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6122
VIN=6.0V
VIN=3.0V
VIN=1.76V
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6122
VIN=6.0V
VIN=3.0V
VIN=1.76V
(11.)Watchdog Pull-Down Resistance vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13.)ENB Pull-Down Resistance vs. Ambient Temperature
(12.)EN Pull-Up Resistance vs. Ambient Temperature
(15.)EN High Level Voltage vs. Ambient Temperature
(14.)EN Ligh Level Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com