Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6124F331ML Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6124F331ML
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6124F331ML Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6124F331ML Datasheet HTML 9Page - Torex Semiconductor XC6124F331ML Datasheet HTML 10Page - Torex Semiconductor XC6124F331ML Datasheet HTML 11Page - Torex Semiconductor XC6124F331ML Datasheet HTML 12Page - Torex Semiconductor XC6124F331ML Datasheet HTML 13Page - Torex Semiconductor XC6124F331ML Datasheet HTML 14Page - Torex Semiconductor XC6124F331ML Datasheet HTML 15Page - Torex Semiconductor XC6124F331ML Datasheet HTML 16Page - Torex Semiconductor XC6124F331ML Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
XC6121/XC6122/XC6123/XC6124
Series
PIN NAME
LOGIC
CONDITIONS
PIN NAME
LOGIC
CONDITIONS
H
VIN>VDFL+VHYS
H
The state maintaining WD>VWDH
for more than TWD
VIN
L
VIN<VDFL
L
The state maintaining WD<VWDL
for more than TWD
H
EN/ENB>1.30V
L→H
VWDL→VWDH, 300ns≦TWDIN≦TWD
EN/ENB
L
EN/ENB<0.35V
WD
H→L
VWDH→VWDL, 300ns≦TWDIN≦TWD
XC6121/XC6122
XC6123/XC6124
VIN
EN
ENB
WD
RESETB (*2)
H
L
OPEN
Repeating detect and release (H→L→H)
H
H
L
L⇔H
H
H
H
H
L
L
L
*1
L
■PIN LOGIC CONDITIONS
NOTE:
VDFL: Detect Voltage
VHYS: Hysteresis Range
VWDH: WD High Level Voltage
VWDL: WD Low Level Voltage
TWDIN: WD Pulse Width
TWD: WD Timeout Period
For the details of each parameter, please see the electrical characteristics.
■FUNCTION CHART
NOTE:
*1: Including all logics of the WD (WD=H, L, OPEN, H→L, L→H).
*2: When the RESETB is High, the circuit is in the release state.
When the RESETB is Low, the circuit is in the detection state.
*3: VIN=L and EN/ENB=H can not be combined because the rated input voltage of the EN/ENB pin is Vss-0.3V to VIN+0.3V.
*4: The RESETB pin becomes indefinite operation while 0.35V<EN/ENB<1.3V.
*5:
The EN pin of the XC6121 series is not internally pulled up. When using the watchdog function, please drive the
EN pin in high level. The EN pin of the XC6122 series is internally pulled up. The watchdog function can be
used even the EN pin left open. The ENB pin of the XC6123 series is not internally pulled down. When using
the watchdog function, please drive the ENB pin in low level. The ENB pin of the XC6124 series is internally
pulled up. The watchdog function can be used even the ENB pin left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com