Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6124F331ML Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6124F331ML
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6124F331ML Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6124F331ML Datasheet HTML 15Page - Torex Semiconductor XC6124F331ML Datasheet HTML 16Page - Torex Semiconductor XC6124F331ML Datasheet HTML 17Page - Torex Semiconductor XC6124F331ML Datasheet HTML 18Page - Torex Semiconductor XC6124F331ML Datasheet HTML 19Page - Torex Semiconductor XC6124F331ML Datasheet HTML 20Page - Torex Semiconductor XC6124F331ML Datasheet HTML 21Page - Torex Semiconductor XC6124F331ML Datasheet HTML 22Page - Torex Semiconductor XC6124F331ML Datasheet HTML 23Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
XC6121/XC6122/XC6123/XC6124
Series
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
TWD=100ms
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
TWD=1600ms
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
VIN=6.0V
VIN=3.0V
VIN=1.76V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
VIN=6.0V
VIN=3.0V
VIN=1.76V
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
0123
456
7
Input Voltage: VIN (V)
XC6121~XC6124
Ta=25℃
TDR=3.13ms
90
95
100
105
110
115
120
0123
45
67
Input Voltage: VIN (V)
XC6121~XC6124
Ta=25℃
TWD=100ms
(6.)Watchdog Timeout Period vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7.)Release Delay Time vs. Input Voltage
(例
(8.)Watchdog Timeout Period vs. Input Voltage
(例
(10.)Watchdog High Level Threshould vs. Ambient Temperature
(9.)Watchdog Low Level Threshould vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com