Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6124F331ML Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6124F331ML
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6124F331ML Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6124F331ML Datasheet HTML 13Page - Torex Semiconductor XC6124F331ML Datasheet HTML 14Page - Torex Semiconductor XC6124F331ML Datasheet HTML 15Page - Torex Semiconductor XC6124F331ML Datasheet HTML 16Page - Torex Semiconductor XC6124F331ML Datasheet HTML 17Page - Torex Semiconductor XC6124F331ML Datasheet HTML 18Page - Torex Semiconductor XC6124F331ML Datasheet HTML 19Page - Torex Semiconductor XC6124F331ML Datasheet HTML 20Page - Torex Semiconductor XC6124F331ML Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
XC6121/XC6122/XC6123/XC6124
Series
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
01
23
45
6
Input Voltage: VIN (V)
XC6121~XC6124(VDF=1.6V)
Ta=85℃
Ta=-40℃
Ta=25℃
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
01
23
4
5
6
Input Voltage: V IN (V)
XC6121~XC6124(VDF=2.7V)
Ta=85℃
Ta=-40℃
Ta=25℃
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
01
23
4
5
6
Input Voltage: VIN (V)
XC6121~XC6124(VDF=5.0V)
Ta=85℃
Ta=-40℃
Ta=25℃
1.55
1.60
1.65
1.70
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124(VDF=1.6V)
VDR
VDF
2.60
2.70
2.80
2.90
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124(VDF=2.7V)
VDF
VDR
■TYPICAL PERFORMANCE CHARACTERISTICS
(1.)Supply Current vs. Input Voltage
(2.)Detect, Release Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com