Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820CPL Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC820CPL
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CPL Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC820CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3-149
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
GENERAL DESCRIPTION
The TC820 is a 3-3/4 digit, multi-measurement system
especially suited for use in portable instruments. It inte-
grates a dual slope A/D converter, auto-ranging frequency
counter and logic probe into a single 44-pin surface mount
or 40-pin through hole package. The TC820 operates from
a single 9V input voltage (battery) and features a built-in
battery low flag. Function and decimal point selection are
accomplished with simple logic inputs designed for direct
connection to an external microcontroller or rotary switch.
Ease of use, low power operation and high functional
integration make the TC820 desirable in a variety of analog
measurement applications.
3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY
COUNTER AND LOGIC PROBE
FEATURES
s Multiple Analog Measurement System
— Digit A/D Converter
— Frequency Counter
— Logic Probe
s Low Noise A/D Converter:
— Differential Inputs, (1pA Bias Current)
— On-Chip 50PPM/
°C Voltage Reference
s Frequency Counter:
— 4Mhz Maximum Input Frequency
— Auto-ranging Over Four Decade Range
s Logic Probe:
— Two LCD Annunciators
— Buzzer Driver
s 3-3/4 Digit Display with Overrange Indicator
s LCD Display Driver with Built-in Contrast Control
s Data Hold Input for Comparison Measurements
s Low Battery Detect with LCD Annunciator
s Underrange and Overrange Outputs
s On-Chip Buzzer Driver with Control Input
s 44-Pin Plastic Flat Pack or PLCC or 40-Pin Plastic
DIP Packages
PEAK HOLD
COMPARATOR
3-3/4 DIGIT
A/D CONVERTER
LOW
BATTERY
DETECT
DECIMAL
POINT
DRIVERS
BUZZER
DRIVER
FUNCTION
SELECT
LOGIC
PROBE
AUTORANGING
FREQUENCY
COUNTER
CLOCK
OSCILLATOR
TRIPLE LCD
DRIVERS
LOW DRIFT VOLTAGE
DIFFERENTIAL
REFERENCE
LOGIC HIGH
LOGIC LOW
OVERRANGE
PKHOLD
LOW BATT
ANNUNCIATOR DRIVE
DECIMAL
POINT
SELECT
BUZZER
CONTROL
FUNCTION
SELECT
DIGITAL GROUND
TO LCD
AND BUZZER
PEAK
HOLD
LOGIC
PROBE
INPUT
FREQUENCY
INPUT
FULL-SCALE
SELECT
UNDERRANGE
OVERRANGE
ANALOG GND
VOLTS
FREQUENCY
LOGIC
TRIPLEX LCD
9V
TC820
ANALOG
INPUT
+
EOC
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
Temperature
Part No.
Resolution
Package
Range
TC820CKW
3-3/4 Digits
44-Pin Plastic
0
°C to +70°C
Quad Flat Package
TC820CLW
3-3/4 Digits
44-Pin Plastic
0
°C to +70°C
Leadless Chip
Carrier
TC820CPL
3-3/4 Digits
40-Pin Plastic DIP
0
°C to +70°C
TC820-10 10/17/96
TC820


Similar Part No. - TC820CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820CPL MICROCHIP-TC820CPL Datasheet
616Kb / 28P
3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
More results

Similar Description - TC820CPL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
3-Digit BCD Counter
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
Integrated Circuit A/D Converter for 3-Digit Display
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
3 3/4 DIGIT A/D CONVERTER
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
3 3/4 DIGIT A/D CONVERTER
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
4 3/4 and 5 3/4 A/D AUTO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com