Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820CPL Datasheet(PDF) 18 Page - TelCom Semiconductor, Inc

Part # TC820CPL
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CPL Datasheet(HTML) 18 Page - TelCom Semiconductor, Inc

Back Button TC820CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 20Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 21Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 22Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
3-166
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
Figure 17. System Clock Generation
nominal
±2V integrator swing. An exact expression for CINT
is:
CINT =
where: fOSC = Clock frequency
VFS = Full-scale input voltage
RINT = Integrating resistor
VINT = Desired full-scale integrator output swing
CINT must have low dielectric absorption to minimize
roll-over error. A polypropylene capacitor is recommended.
Integrating Resistor — RINT
The input buffer amplifier and integrator are designed
with class A output stages. The integrator and buffer can
supply 40
µA drive currents with negligible linearity errors.
RINT is chosen to remain in the output stage linear drive
region but not so large that printed circuit board leakage
currents induce errors. For a 400mV full scale, RINT should
be about 100k
Ω.
Reference Voltage Selection
A full-scale reading (4000 counts for TC820) requires
the input signal be twice the reference voltage.
Table III. Reference Voltage Selection
Full-Scale
Input Voltage
(VFS) (Note 1)
VREF
Resolution
200mV
Note 2
–
400mV
200mV
10
µV
1V
500mV
250
µV
2V
1V
500
µV
(Notes 3, 4)
NOTES: 1. TC820 in A/D converter mode, RANGE/FREQ = logic low.
2. Not recommended.
3. VFS > 2V may exceed the input common mode range.
See "10:1 Range Change" section.
4. Full-scale voltage values are not limited to the values
shown. For example, TC820 VFS can be any value from
400mV to 2V.
In some applications, a scale factor other than unity may
exist between a transducer output voltage and the required
digital reading. Assume, for example, that a pressure trans-
ducer output is 800mV for 4000 lb/in2. Rather than dividing
the input voltage by two, the reference voltage should be set
to 400mV. This permits the transducer input to be used
directly.
The internal voltage reference potential available at
analog common will normally be used to supply the
converter's reference voltage. This potential is stable when-
ever the supply potential is greater than approximately 7V.
The low-battery detection circuit and analog common oper-
ate from the same internal reference. This ensures that the
low-battery annunciator will turn on at the time the internal
reference begins to lose regulation.
The TC820 can also operate with an external reference.
Figure 18 shows internal and external reference applica-
tions.
Ratiometric Resistance Measurements
The TC820 true differential input and differential refer-
ence make ratiometric readings possible. In ratiometric
operation, an unknown resistance is measured with respect
to a known standard resistance. No accurately defined
reference voltage is needed.
The unknown resistance is put in series with a known
standard and a current is passed through the pair (Fig-
ure 19). The voltage developed across the unknown is
applied to the input and voltages across the known resistor
A/D
COUNTER
TC820
÷40,000
COUNTER
TIME BASE
÷240
LCD
BACKPLANE
DRIVER
÷8
BUZZER
÷2
OSC1
OSC2
OSC3
XTAL
OSCILLATOR
COMPONENTS
R/C
OSCILLATOR
COMPONENTS
4000 VFS
VINT RINT fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com