Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820CPL Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC820CPL
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CPL Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC820CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
3-158
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
Peak Reading Hold
The TC820 provides the capability of holding the highest
(or peak) reading. Connecting the PK HOLD input to VDD
enables the peak hold feature. At the end of each conversion
the contents of the TC820 counter is compared to the
contents of the display register. If the new reading is higher
than the reading being displayed, the higher reading is
transferred to the display register. A "higher" reading is
defined as the reading with the higher absolute value.
The peak reading is held in the display register so the
reading will not "droop" or slowly decay with time. The held
reading will be retained until a higher reading occurs, the PK
HOLD input is disconnected from VDD, or power is removed.
The peak signal to be measured must be present during
the TC820 signal integrate period. The TC820 does not
perform transient peak detection of the analog input signal.
However, in many cases, such as measuring temperature or
electric motor starting current, the TC820 "acquisition time"
will not be a limitation. If true peak detection is required, a
simple circuit will suffice. See the applications section for
details.
The peak reading function is also available when the
TC820 is in the frequency counter mode. The counter auto-
ranging feature is disabled when peak reading hold is
selected.
10:1 Range Change
The analog input full-scale range can be changed with
the RANGE/FREQ input. Normally, RANGE/FREQ is held
low by an internal pulldown. Connecting this pin to VS+ will
increase the full-scale voltage by a factor of 10. No external
component changes are required.
The RANGE/FREQ input operates by changing the
integrate period. When RANGE/FREQ is connected to VDD,
the signal integration phase of the conversion is reduced by
a factor of 10 (i.e., from 2000 counts to 200 counts).
For the TC820, the 10:1 range change will result in
±4V
full scale. This full-scale range will exceed the common-
mode range of the input buffer when operating from a 9V
battery. If range changing is required for the TC820, a higher
supply voltage can be provided or the input voltage can be
divided by 2 externally.
Frequency Counter
In addition to serving as an analog-to-digital converter,
the TC820 internal counter can also function as a frequency
counter (Figure 4). In the counter mode, pulses at the
RANGE/FREQ input will be counted and displayed.
The frequency counter derives its time base from the
clock oscillator. The counter time base is:
tCOUNT =
fOSC
40,000
Reference Integrate (Deintegrate) Phase
The reference capacitor, which was charged during the
auto-zero phase, is connected to the input of the integrating
amplifier. The internal sign logic ensures the polarity of the
reference voltage is always connected in the phase opposite
to that of the input voltage. This causes the integrator to
ramp back to zero at a constant rate determined by the
reference potential.
The amount of time required (TDEINT) for the integrating
amplifier to reach zero is directly proportional to the ampli-
tude of the voltage that was put on the integrating capacitor
(VINT) during the integration phase:
tDEINT =
The digital reading displayed by the TC820 is:
Digital Count = 2000
System Timing
The oscillator frequency is divided by 2 prior to clocking
the internal decade counters. The four-phase measurement
cycle takes a total of 8000 (4000) counts or 16000 clock
pulses. The 8000 count phase is independent of input signal
magnitude or polarity.
Each phase of the measurement cycle has the following
length:
Conversion Phase
Counts
1) Auto-Zero:
1500
2) Signal Integrate:1,2
2000
3) Reference Integrate:
1 to 4001
4) Integrator Output Zero:
499 to 4499
NOTES: 1. This time period is fixed. The integration period for the
TC820 is:
tINT (TC820) =
= 2000 counts
where fOSC is the clock oscillator frequency.
2. Times shown are the RANGE/FREQ at logic low (normal
operation). When RANGE/FREQ is logic high, signal
integrate times are 200 counts. See "10:1 Range Change"
section.
RINT CINT VINT
VREF
V+IN – V–IN
VREF
Input Overrange
When the analog input is greater than full scale, the LCD
will display "OL" and the "OVERRANGE" LCD annunciator
will be on.
4000
fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com