Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820CPL Datasheet(PDF) 19 Page - TelCom Semiconductor, Inc

Part # TC820CPL
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CPL Datasheet(HTML) 19 Page - TelCom Semiconductor, Inc

Back Button TC820CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 20Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 21Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 22Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
3-167
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
VDD
TC820
LOGIC
PROBE
INPUT
+9V
74HC14
LOGIC
DP1/HI
DP0/LO
DGND
*
*
*
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
Figure 18. Reference Voltage Connections
Figure 20. Frequency Counter External Buffer
Logic Probe Inputs
The DP0/LO and DP1/HI inputs provide the logic probe
inputs when the LOGIC input is high. Driving either DP0/LO
or DP1/HI to a logic high will turn on the appropriate LCD
annunciator. When DP0/LO is high, the buzzer will be on.
To provide a "single input" logic probe function, external
buffers should be used. A simple circuit is shown in Figure
21. This circuit will turn the appropriate annunciator on for
high and low level inputs.
If carefully controlled logic thresholds are required, a
window comparator can be used. Figure 22 shows a typical
circuit. This circuit will turn on the high or low annunciators
when the logic thresholds are exceeded, but the resistors
connected from DP0/LO and DP1/HI to DGND will turn both
annunciators off when the logic probe is unconnected.
The TC820 logic inputs are not latched internally, so
pulses of short duration will usually be difficult or impossible
to see. To display short pulses properly, the input pulse
should be "stretched." The circuit of Figure 22 shows cap-
Figure 21. Simple External Logic Probe Buffer
applied to the reference input. If the unknown equals the
standard, the input voltage will equal the reference voltage
and the display will read 2000. The displayed reading can be
determined from the following expression:
Displayed reading =
2000
The display will overrange for values of RUNKNOWN ≥ 2
RSTANDARD.
Buffering the FREQ Input
When the FREQ/VOLTS input is high and the LOGIC
input is low, the TC820 will count pulses at the RANGE/
FREQ input. The time base will be fOSC/40,000, or 1 second
with a 40kHz clock. The signal to be measured should swing
from VDD to DGND. The RANGE/FREQ input has CMOS
input levels without hysteresis. For best results, especially
with low-frequency sine-wave inputs, an external buffer with
hysteresis should be added. A typical circuit is shown in
Figure 20.
Figure 19. Low Parts Count Ratiometric Resistance Measurement
9V
TC820
TC820
+
22k
Ω
VDD
VDD
VSS
V
+
REF
V
–
REF
ANALOG
COMMON
SET V
= 1/2 V
REF
FULL SCALE
(a) Internal Reference
(b) External Reference
V
+
REF
V
–
REF
COMMON
V
+
TC04A
1.2V
REF
2k
Ω
V
REF
2k
Ω
TC820
+
DGND
FREQUENCY
INPUT
GND
DGND
74HC14
RANGE/FREQ
FREQ/VOLTS
VDD
1
µF
+9V
RUNKNOWN
RSTANDARD
TC820
RSTANDARD
RUNKNOWN
ANALOG
COMMON
VDD
V
+
REF
V
–
REF
V
+
IN
V
–
IN
LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com