Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820CPL Datasheet(PDF) 20 Page - TelCom Semiconductor, Inc

Part # TC820CPL
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CPL Datasheet(HTML) 20 Page - TelCom Semiconductor, Inc

Back Button TC820CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 20Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 21Page - TelCom Semiconductor, Inc TC820CPL Datasheet HTML 22Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
3-168
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
Figure 22. Window Comparator Logic Probe
acitors added across the input pull-down resistors to stretch
the input pulse and permit viewing short-duration input
pulses.
External Peak Detection
The TC820 will hold the highest A/D conversion or
frequency reading indefinitely when the PK HOLD input is
connected to VDD. However, the analog peak input must be
present during the A/D converter's signal integrate period.
For slowly changing signals, such as temperature, the peak
reading will be properly converted and held.
If rapidly changing analog signals must be held, an
external peak detector should be added. An inexpensive
circuit can be made from an op amp and a few discrete
components, as shown in Figure 23. The droop rate of the
external peak detector should be adjusted so that the held
voltage will not decay below the desired accuracy level
during the converter's 400msec conversion time.
Liquid Crystal Display (LCD)
The TC820 drives a triplex (multiplexed 3:1) LCD with
three backplanes. The LCD can include decimal points,
polarity sign, and annunciators for overrange, peak hold,
high and low logic levels, and low battery. Table IV shows the
assignment of the display segments to the backplanes and
segment drive lines. The backplane drive frequency is
obtained by dividing the oscillator frequency by 240.
Backplane waveforms are shown in Figure 24. These
appear on outputs BP1, BP2, and BP3. They remain the
same regardless of the segments being driven.
Other display output lines have waveforms that vary
VDD
TC820
R1
DP1/HI
LOGIC
DP0/LO
DGND
1N4148
1N4148
+9V
VL
R2
R3
1M
Ω
1M
Ω
LOGIC
PROBE
INPUT
NOTE: Select R1, R2, R3 for desired logic thresholds.
VH
depending on the displays values. Figure 25 shows a set of
waveforms for the a, g, d outputs of one digit for several
combinations of "on" segments.
Figure 23. External Peak Detector
VDD
TC820
VSS
V
+
IN
PK HOLD
0V
0.01
µF
OFFSET
NULL
1N4148
+9V
10k
Ω
VIN
TL061
Table IV. LCD Backplane and Segment Assignments
44-Pin
LCD
40-Pin DIP
Flat Pkg
Display
Pin No.
Pin No.
Pin No.
BP1
BP2
BP3
1
40
3
LOW
"—"
E4
2
41
4
A4
G4
D4
3
42
5
B4
C4
DP3
4
43
6
HIGH
F3
E3
5
44
7
A3
G3
D3
6
1
8
B3
C3
DP2
7
2
9
OVER
F2
E2
8
3
10
A2
G2
D2
9
4
11
B2
C2
DP1
10
5
12
PEAK
F1
E1
11
6
13
A1
G1
D1
12
7
14
B1
C1
BATT
13
8
2,16*
—
—
BP3
14
9
1
—
BP2
—
15
10
15
BP1
—
—
*Connect both pins 2 and 16 of LCD to TC820 BP3 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com