Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARMV4T Datasheet(PDF) 7 Page - Actel Corporation

Part # ARMV4T
Description  CoreMP7
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

ARMV4T Datasheet(HTML) 7 Page - Actel Corporation

Back Button ARMV4T Datasheet HTML 3Page - Actel Corporation ARMV4T Datasheet HTML 4Page - Actel Corporation ARMV4T Datasheet HTML 5Page - Actel Corporation ARMV4T Datasheet HTML 6Page - Actel Corporation ARMV4T Datasheet HTML 7Page - Actel Corporation ARMV4T Datasheet HTML 8Page - Actel Corporation ARMV4T Datasheet HTML 9Page - Actel Corporation ARMV4T Datasheet HTML 10Page - Actel Corporation ARMV4T Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CoreMP7
v2.6
7
Programmer’s Model
This section summarizes the programmer’s model of the
CoreMP7. Supporting detail is available in the ARM
ARM7TDMI-S Technical Reference Manual (available for
download at www.arm.com) and the ARM Architecture
Reference
Manual,
which
can
be
purchased
at
www.amazon.com.
The
CoreMP7
processor
implements
the
ARMv4T
architecture
and
includes
both
the
32-bit
ARM
instruction set and the 16-bit Thumb instruction set.
Processor Operating States
The CoreMP7 processor has two operating states:
ARM state:
32-bit, word-aligned ARM instructions are
executed in this state.
Thumb state: 16-bit, halfword-aligned Thumb instructions
are executed in this state.
In Thumb state, the Program Counter (PC) uses bit 1 to
select between alternate halfwords.
Note: Transition between ARM and Thumb states does
not affect the processor mode or the register contents.
Switching State
You can switch the operating state of the CoreMP7
between ARM state and Thumb state using the BX
instruction.
This
is
described
fully
in
the
ARM
Architecture Reference Manual.
All exception handling is performed in ARM state. If an
exception occurs in Thumb state, the processor reverts to
ARM state. The transition back to Thumb state occurs
automatically on return.
Memory Formats
The CoreMP7 processor views memory as a linear
collection of bytes, numbered in ascending order from
zero:
•
Bytes 0 to 3 hold the first stored word.
•
Bytes 4 to 7 hold the second stored word.
•
Bytes 8 to 11 hold the third stored word.
Although both Little Endian and Big Endian memory
formats are supported, it is recommended that you use
Little Endian format.
Data Types
The CoreMP7 processor supports the following data
types:
•
Word (32-bit)
•
Halfword (16-bit)
•
Byte (8-bit)
You must align these as follows:
•
Word quantities must be aligned to four-byte
boundaries.
•
Halfword quantities must be aligned to two-byte
boundaries.
•
Byte quantities can be placed on any byte
boundary.
Operating Modes
The CoreMP7 processor has seven operating modes:
•
User mode is the usual ARM program execution
state, and is used for executing most application
programs.
•
Fast interrupt (FIQ) mode supports a data transfer
or channel process.
•
Interrupt (IRQ) mode is used for general-purpose
interrupt handling.
•
Supervisor mode is a protected mode for the
operating system.
•
Abort mode is entered after a data or instruction
prefetch abort.
•
System mode is a privileged user mode for the
operating system.
•
Undefined mode is entered when an undefined
instruction is executed.
Modes other than User mode are collectively known as
privileged modes. Privileged modes are used to service
interrupts or exceptions, or to access protected resources.
Registers
The CoreMP7 processor has a total of 37 registers:
•
31 general-purpose 32-bit registers
•
6 status registers
These registers are not all accessible at the same time.
The processor state and operating mode determine
which registers are available to the programmer.
The ARM State Register Set
In ARM state, 16 general registers and one or two status
registers are accessible at any one time. In privileged
modes, mode-specific banked registers become available.
Figure 4 on page 8 shows which registers are available in
each mode.
The ARM state register set contains 16 directly accessible
registers, r0 to r15. An additional register, the Current
Program Status Register (CPSR), contains condition code
flags, and the current mode bits. Registers r0 to r13 are
general-purpose registers used to hold either data or
address values. Registers r14 and r15 have special
functions as the Link Register and Program Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com