Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARMV4T Datasheet(PDF) 2 Page - Actel Corporation

Part # ARMV4T
Description  CoreMP7
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

ARMV4T Datasheet(HTML) 2 Page - Actel Corporation

  ARMV4T Datasheet HTML 1Page - Actel Corporation ARMV4T Datasheet HTML 2Page - Actel Corporation ARMV4T Datasheet HTML 3Page - Actel Corporation ARMV4T Datasheet HTML 4Page - Actel Corporation ARMV4T Datasheet HTML 5Page - Actel Corporation ARMV4T Datasheet HTML 6Page - Actel Corporation ARMV4T Datasheet HTML 7Page - Actel Corporation ARMV4T Datasheet HTML 8Page - Actel Corporation ARMV4T Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CoreMP7
2
v2.6
ARM7 Family Processor
CoreMP7 is a general purpose, 32-bit, ARM7 family
microprocessor that offers high performance and low
power consumption. The ARM architecture is based on
Reduced Instruction Set Computer (RISC) principles. The
simplicity of RISC results in a high instruction throughput
and fast real-time interrupt response from a small and
cost-effective processor core. Pipeline techniques are
employed so that all parts of the processing and memory
systems can operate continuously. Typically, while one
instruction is being executed, its successor is being
decoded, and a third instruction is being fetched from
memory. The CoreMP7 processor also implements the
Thumb instruction set, which makes it ideally suited to
high-volume applications with memory restrictions, or
applications where code density is an issue.
The 16-bit Thumb instruction set approaches twice the
density of standard ARM code while retaining most of
the ARM performance advantage over a traditional
16-bit processor using 16-bit registers. This is possible
because Thumb code operates on the same 32-bit
register set as ARM code. Thumb code is able to reduce
up to 65% of the code size compared to 32-bit ARM
instructions, and offers 160% of the performance of an
equivalent ARM processor connected to a 16-bit memory
system.
Device Utilization
CoreMP7 is available with and without debug for use in
each ARM-enabled device. These variants (Core only or
Core plus debug) are available in CoreConsole and are
easily selected from the core configuration menus. The
utilization and performance of the variants for each
device are shown in Table 1.
Core Only
This variant of the CoreMP7 is optimized for maximum
speed and minimum size and does not include debug.
Core Plus Debug
This variant of the CoreMP7 is optimized for minimum
size and includes debug.
Table 1 •
CoreMP7 Utilization and Performance
Device
Variant
Performance (MHz)
Tiles
RAM Block
Utilization (%)
M7A3P1000
Core Only
28.12
6,083
4
24.8%
Core Plus Debug
21.7
7,931
4
32.3%
M7AFS600
Core Only
28.08
6,083
4
44.0%
Core Plus Debug
20.57
7,931
4
57.4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com