Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARMV4T Datasheet(PDF) 6 Page - Actel Corporation

Part # ARMV4T
Description  CoreMP7
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

ARMV4T Datasheet(HTML) 6 Page - Actel Corporation

Back Button ARMV4T Datasheet HTML 2Page - Actel Corporation ARMV4T Datasheet HTML 3Page - Actel Corporation ARMV4T Datasheet HTML 4Page - Actel Corporation ARMV4T Datasheet HTML 5Page - Actel Corporation ARMV4T Datasheet HTML 6Page - Actel Corporation ARMV4T Datasheet HTML 7Page - Actel Corporation ARMV4T Datasheet HTML 8Page - Actel Corporation ARMV4T Datasheet HTML 9Page - Actel Corporation ARMV4T Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CoreMP7
6
v2.6
DBGnTRST
Input
Test reset
DBGRQ
Input
Debug request
DBGTCKEN
Input
Test clock enable
DBGTDI
Input
EICE data in
DBGTMS
Input
EICE mode select
nFIQ
Input
Interrupt request
nIRQ
Input
Fast interrupt request
nRESET
Input
Reset
RDATA[31:0]
Input
Read data bus
ADDR[31:0]
Output
Address bus
CPnI
Output
Coprocessor instruction (asserted low)
CPnMREQ
Output
Memory request (asserted low)
CPnOPC
Output
Opcode fetch (asserted low)
CPnTRANS
Output
Memory translate (asserted low)
CPSEQ
Output
Sequential address
CPTBIT
Output
Processor in Thumb mode
DBGACK
Output
Debug acknowledge
DBGCOMMRX
Output
EICE communication channel receive
DBGCOMMTX
Output
EICE communication channel transmit
DBGnEXEC
Output
Executed (asserted low)
DBGnTDOEN
Output
TDO enable (asserted low)
DBGRNG[1:0]
Output
EICE rangeout
DBGTDO
Output
EICE data out
DBGINSTRVALID
Output
ETM Instruction valid indicator
DMORE
Output
Set when next data memory access is followed by a sequential data
memory access
LOCK
Output
Locked transaction operation
PROT[1:0]
Output
Indicates code, data, or privilege level
SIZE[1:0]
Output
Memory access width
TRANS
Output
Next transaction type (i, n, s)
WDATA[31:0]
Output
Write data bus
WRITE
Output
Indicates write access
Table 2 •
Signal Descriptions (Continued)
Name
Type
Description
Note: The CoreMP7 is available with either the native ARM7 bus interface or with an AHB wrapper. The use of the AHB wrapper changes
or transforms some of the signals in Table 2. This is discussed in detail later in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com