Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARMV4T Datasheet(PDF) 23 Page - Actel Corporation

Part # ARMV4T
Description  CoreMP7
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

ARMV4T Datasheet(HTML) 23 Page - Actel Corporation

Back Button ARMV4T Datasheet HTML 19Page - Actel Corporation ARMV4T Datasheet HTML 20Page - Actel Corporation ARMV4T Datasheet HTML 21Page - Actel Corporation ARMV4T Datasheet HTML 22Page - Actel Corporation ARMV4T Datasheet HTML 23Page - Actel Corporation ARMV4T Datasheet HTML 24Page - Actel Corporation ARMV4T Datasheet HTML 25Page - Actel Corporation ARMV4T Datasheet HTML 26Page - Actel Corporation ARMV4T Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
CoreMP7
v2.6
23
Debug
The ARM Debug Architecture uses a protocol converter
box to allow the debugger to talk via a Joint Test Action
Group (JTAG) port directly to the core. In effect, the scan
chains in the core that are required for test are re-used
for debugging.
The
architecture
uses
the
scan
chains
to
insert
instructions directly in to the ARM core. The instructions
are executed on the core and, depending on the type of
instruction that has been inserted, the core or the system
state
can
be
examined,
saved,
or
changed.
The
architecture has the ability to execute instructions at a
slow debug speed or to execute instructions at system
speed (for example, if access to an external memory was
required).
The fact that the debugger is actually using the JTAG
scan chains to access the core is of no importance to the
user, as the front end debugger remains exactly the
same. The user could still use the debugger with a
monitor program running on the target system or with
an instruction set simulator that runs on the debugger
host. In each case the debugging environment is the
same.
The advantages of using the JTAG port are:
•
Hardware access required by a system for test is re-
used for debug.
•
Core state and system state can be examined via
the JTAG port.
•
The target system does not have to be running in
order to start debug.
A monitor program for example requires that some
target resources are running in order for the monitor
program to run.
•
Traditional
breakpoints
and
watchpoints
are
available.
•
On-chip resources can be supplemented.
•
For example, the ARM Debug Architecture uses an
on-chip macro-cell to enhance the debugging
facilities available.
tIHEXC
nFIQ, nIRQ, nRESET hold from rising CLK
–0%
tISCFG
CFGBIGEND setup to rising CLK
10%
–
tIHCFG
CFGBIGEND hold from rising CLK
–0%
tISDBGCTL
DBGBREAK, DBGEXT, DBGRQ input setup to rising CLK
10%
–
tISDBGSTAT
Debug status inputs setup to rising CLK
10%
–
tIHDBGSTAT
Debug status inputs hold from rising CLK
–0%
tOVDBGCTL
Rising CLK to debug control valid
–
40%
tOHDBCTL
Debug control hold time from rising CLK
>0%
–
tISTCLKEN
DBGTCKEN input setup to rising CLK
60%‘
–
tIHTCKEN
DBGTCKEN input hold from rising CLK
–0%
tISTCTL
DBGTDI, DBGTMS input setup to rising CLK
35%
–
tIHTCTL
DBGTDI, DBGTMS input hold from rising CLK
–0%
tOVTDO
Rising CLK to DBGTDO valid
–
20%
tOHTDO
DBGTDO hold time from rising CLK
>0%
–
tOVDBGSTAT
Rising CLK to debug status valid
40%
–
tOHDBGSTAT
Debug status hold time
>0%
–
Table 6 •
AC Timing Parameters (Continued)
Symbol
Parameter
Min
Max
Notes:
1. tIHCLKEN is 0 ns for the Core Plus Debug variant in all devices.
2. tIHCLKEN is 1 ns for the Core Only variant in all devices.
3. tIHRDATA is 0 ns for Core Plus Debug variant in all devices.
4. tIHRDATA is 1 ns for Core Only variant in all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com