Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARMV4T Datasheet(PDF) 22 Page - Actel Corporation

Part # ARMV4T
Description  CoreMP7
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

ARMV4T Datasheet(HTML) 22 Page - Actel Corporation

Back Button ARMV4T Datasheet HTML 18Page - Actel Corporation ARMV4T Datasheet HTML 19Page - Actel Corporation ARMV4T Datasheet HTML 20Page - Actel Corporation ARMV4T Datasheet HTML 21Page - Actel Corporation ARMV4T Datasheet HTML 22Page - Actel Corporation ARMV4T Datasheet HTML 23Page - Actel Corporation ARMV4T Datasheet HTML 24Page - Actel Corporation ARMV4T Datasheet HTML 25Page - Actel Corporation ARMV4T Datasheet HTML 26Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CoreMP7
22
v2.6
AC Timing Parameter Definitions
Table 6 shows target AC parameters. All figures are expressed as percentages of the CLK period at maximum
operating frequency.
Note: Where 0% is shown, this indicates the hold time to clock edge plus the maximum clock skew for internal clock
buffering.
Table 6 •
AC Timing Parameters
Symbol
Parameter
Min
Max
tCYC
CLK cycle time
100%
–
tISCLKEN
CLKEN input setup to rising CLK
60%
–
tIHCLKEN
CLKEN input hold from rising CLK
–
See notes 1, 2
tISABORT
ABORT input setup to rising CLK
40%
–
tIHABORT
ABORT input hold from rising CLK
–0%
tISRDATA
RDATA input setup to rising CLK
10%
–
tISRST
nRESET input setup to rising CLK
90%
–
tISTRST
DBGnTRST input setup to rising CLK
25%
tIHRDATA
RDATA input hold from rising CLK
–
See notes 3, 4
tOCPTBIT
Rising CLK to CPTBIT valid
–
90%
tODBG
Rising CLK to DBGnEXEC, DBGINSTRVALID valid
–
40%
tOLOMO
Rising CLK to DMORE, LOCK valid
–
90%
tOVADDR
Rising CLK to ADDR valid
–
90%
tOHADDR
ADDR hold time from rising CLK
>0%
–
tOVCTL
Rising CLK to control valid
–
90%
tOHCTL
Control hold time from rising CLK
>0%
–
tOVTRANS
Rising CLK to transaction type valid
–
50%
tOHTRANS
Transaction type hold time from rising CLK
>0%
–
tOVWDATA
Rising CLK to WDATA valid
–
40%
tOHWDATA
WDATA hold time from rising CLK
>0%
–
tISCPSTAT
CPA, CPB input setup to rising CLK
20%
–
tIHCPSTAT
CPA, CPB input hold from rising CLK
–0%
tOVCPCTL
Rising CLK to coprocessor control valid
–
80%
tOHCPCTL
Coprocessor control hold time from rising CLK
>0%
–
tOVCPNI
Rising CLK to coprocessor CPnI valid
–
40%
tOHCPNI
Coprocessor CPnI hold time from rising CLK
>0%
–
tISEXC
nFIQ, nIRQ, input setup to rising CLK
10%
–
Notes:
1. tIHCLKEN is 0 ns for the Core Plus Debug variant in all devices.
2. tIHCLKEN is 1 ns for the Core Only variant in all devices.
3. tIHRDATA is 0 ns for Core Plus Debug variant in all devices.
4. tIHRDATA is 1 ns for Core Only variant in all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com