Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-UG Datasheet(PDF) 9 Page - Actel Corporation

Part # COREAI-UG
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-UG Datasheet(HTML) 9 Page - Actel Corporation

Back Button COREAI-UG Datasheet HTML 5Page - Actel Corporation COREAI-UG Datasheet HTML 6Page - Actel Corporation COREAI-UG Datasheet HTML 7Page - Actel Corporation COREAI-UG Datasheet HTML 8Page - Actel Corporation COREAI-UG Datasheet HTML 9Page - Actel Corporation COREAI-UG Datasheet HTML 10Page - Actel Corporation COREAI-UG Datasheet HTML 11Page - Actel Corporation COREAI-UG Datasheet HTML 12Page - Actel Corporation COREAI-UG Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CoreAI
v2.0
9
CFG_AT9, CFG_AT8, CFG_AT7,
CFG_AT6, CFG_AT5, CFG_AT4,
CFG_AT3, CFG_AT2, CFG_AT1,
CFG_AT0
0 to 1,023
Configure ATx Inputs: Set each of these 10-bit integers to configure the AT9
through AT0 inputs that are connected to the AB macro. The lower 8 bits of
each of these 10-bit integers are reserved for generating firmware settings for
the target processor used with CoreAI and are ignored by the CoreAI
hardware. The upper 2 bits are used to create the settings for each ATx input,
shown in Table 7 on page 10.
For example, if CFG_AT2 is set to the binary value 0000000000 (decimal 0),
the AT2 input will be used as an analog temperature monitor input. If
CFG_AT2 is set to the binary value 0100000000 (decimal 256), the AT2 input
will be used as a digital input, and the buffered DATOUT2 output would be
connected to the user’s own logic. If CFG_AT2 is set to the binary value
1000000000 (decimal 512), the AT2 input will be used as an analog voltage
monitor input. If CFG_AT2 is set to the binary value 1100000000 (decimal
768), the AT2 input will be disabled; in this case, the CoreAI AT2 input will not
be used and the AT2 input of the AB macro will be hardwired to logic 0 within
CoreAI.
CFG_GD9, CFG_GD8, CFG_GD7,
CFG_GD6, CFG_GD5, CFG_GD4,
CFG_GD3, CFG_GD2, CFG_GD1,
CFG_GD0
0 to 1,023
Configure Gate Drivers: Set each of these 10-bit integers to configure the
GDON9 through GDON0 inputs and the AG9 through AG0 outputs that are
connected to the AB macro. The lower 8 bits of each of these 10-bit integers
are reserved for generating firmware settings for the target processor used
with CoreAI and are ignored by the CoreAI hardware. The upper 2 bits are
used to create the settings shown in Table 8 on page 10.
For example, if CFG_GD1 is set to the binary value 0000000000 (decimal 0),
the AG1 gate-driver output will be controlled by a software-controlled register
within CoreAI (ADC Control Register 5). If CFG_GD1 is set to the binary value
0100000000 (decimal 256), the DDGDON1 input (connected to the user’s
own logic) will be used to directly control the AG1 gate-driver output. If
CFG_GD1 is set to the binary value 1100000000 (decimal 768), the AG1
output will be disabled; in this case, the CoreAI AG1 output will not be used
and the GDON1 input of the AB macro will be hardwired to logic 0 within
CoreAI.
Table 5 • Settings for AVx Inputs
CFG_AVx Bit-Position Values ('X' indicates "don’t care")
AVx Input Usage
9
876
5
432
1
0
0
0
X
X
X
X
X
X
X
X
Voltage Monitor (default)
0
1
XX
X
XXX
X
X
Digital Input
1
0
XX
X
XXX
X
X
Reserved (unused)
1
1
XX
X
XXX
X
X
Disabled
Table 6 • Settings for ACx Inputs
CFG_ACx Bit-Position Values ('X' indicates "don’t care")
ACx Input Usage
9
8
7
6
5
4
321
0
0
0
X
X
X
X
X
X
X
X
Current Monitor (default)
0
1
X
X
X
X
X
X
X
X
Digital Input
1
0
X
X
X
X
X
X
X
X
Voltage Monitor
1
1
X
X
X
X
XXX
X
Disabled
Table 4 • CoreAI Parameters/Generics Descriptions (Continued)
Name
Valid Range
Description
Note: *Invalid values are 3, 7, 11, and 15 (refer to the
Fusion datasheet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com