Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-UG Datasheet(PDF) 11 Page - Actel Corporation

Part # COREAI-UG
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-UG Datasheet(HTML) 11 Page - Actel Corporation

Back Button COREAI-UG Datasheet HTML 7Page - Actel Corporation COREAI-UG Datasheet HTML 8Page - Actel Corporation COREAI-UG Datasheet HTML 9Page - Actel Corporation COREAI-UG Datasheet HTML 10Page - Actel Corporation COREAI-UG Datasheet HTML 11Page - Actel Corporation COREAI-UG Datasheet HTML 12Page - Actel Corporation COREAI-UG Datasheet HTML 13Page - Actel Corporation COREAI-UG Datasheet HTML 14Page - Actel Corporation COREAI-UG Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CoreAI
v2.0
11
Note that after an APB read of the interrupt status registers has been performed, each INT[14:0] bit will be cleared if
its condition is no longer valid. If an APB read of the interrupt status registers has just occurred coincident with a
pending interrupt condition, the interrupt condition will have priority in order to prevent a missed
interrupt.
Table 9 • CoreAI Internal Register Address Map*
PADDR[4:0]
Type
Reset Value
Brief Description
0x00
R/W
0x04
ACM Control/Status Register (low-order)
0x01
R/W
0x00
ACM Control/Status Register (high-order)
0x02
R/W
0x00
ACM Address Register
0x03
–
0x00
Reserved
0x04
R/W
0x00
ACM Data Register
0x05
–
0x00
Reserved
0x06
R/W
0x00
ADC Control Register 1 (low-order)
0x07
R/W
0x00
ADC Control Register 1 (high-order)
0x08
R/W
0x00
ADC Control Register 2 (low-order)
0x09
R/W
0x00
ADC Control Register 2 (high-order)
0x0a
R/W
0x00
ADC Control Register 3 (low-order)
0x0b
R/W
0x00
ADC Control Register 3 (high-order)
0x0c
R/W
0x00
ADC Control Register 4 (low-order)
0x0d
R/W
0x00
ADC Control Register 4 (high-order)
0x0e
R/W
0x00
ADC Control Register 5 (low-order)
0x0f
R/W
0x00
ADC Control Register 5 (high-order)
0x10
R
0x00
ADC Status Register (low-order)
0x11
R
0x00
ADC Status Register (high-order)
0x12
R
0x00
Read FIFO Data Output
0x13
–
0x00
Reserved
0x14
R
0x0c
Read FIFO Status
0x15
–
0x00
Reserved
0x16
R/W
0x00
Interrupt Enable Register (low-order)
0x17
R/W
0x00
Interrupt Enable Register (high-order)
0x18
R
0x00
Interrupt Status Register (low-order)
0x19
R
0x00
Interrupt Status Register (high-order)
Note: *Values shown in hexadecimal format. Type designations: "R" – read-only, "R/W" – read/write, "–" – Not used (to accommodate
16-bit APB access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com