Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-UG Datasheet(PDF) 12 Page - Actel Corporation

Part # COREAI-UG
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-UG Datasheet(HTML) 12 Page - Actel Corporation

Back Button COREAI-UG Datasheet HTML 8Page - Actel Corporation COREAI-UG Datasheet HTML 9Page - Actel Corporation COREAI-UG Datasheet HTML 10Page - Actel Corporation COREAI-UG Datasheet HTML 11Page - Actel Corporation COREAI-UG Datasheet HTML 12Page - Actel Corporation COREAI-UG Datasheet HTML 13Page - Actel Corporation COREAI-UG Datasheet HTML 14Page - Actel Corporation COREAI-UG Datasheet HTML 15Page - Actel Corporation COREAI-UG Datasheet HTML 16Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
CoreAI
12
v2.0
Table 10 • ACM Control/Status Register (low-order)
Bits
Name
Function
7:5
Reserved
Not used
4
ACMWRBUSY
ACM Write Cycle Busy (read-only) – If 1, the ACM is busy writing data into the AB block.
3
ACMRDBUSY
ACM Read Cycle Busy (read-only) – If 1, the ACM is busy reading data from the AB block.
2
ACMRESETBUSY
ACM Reset Cycle Busy (read-only) – If 1, the ACM is busy being reset.
1
ACMRDSTART
ACM Read Start (write-only)
1 – The ACM starts a read cycle from the ACM address in the ACMADDR[7:0] bits of the ACM
Address/Data register. Note that this write-only bit is active for one ACM clock cycle (self-clearing),
and that the resulting busy signal from the ACM read taking place will be reflected in the
ACMRDBUSY bit of this register.
0 – Normal (no operation or current ACM operation continues)
0
ACMRESET
ACM Reset (write-only)
1 – The ACM is put into a reset condition. Note that this write-only bit is active for only one ACM
clock cycle (self-clearing), and that the resulting busy signal from the ACM reset taking place will
be reflected in the ACMRESETBUSY bit of this register.
0 – Normal (no operation or current ACM operation continues)
Table 11 • ACM Control/Status Register (high-order)
Bits
Name
Function
7:0
Reserved
Not used
Table 12 • ACM Address Register
Bits
Name
Function
7:0
ACMADDR[7:0]
ACM Address
These bits are connected to the ACMADDR[7:0] port of the AB macro.
(Refer to the
Fusion datasheet for further information.)
Table 13 • ACM Data Register
Bits
Name
Function
7:0
ACMDATA[7:0]
ACM Data
If this register is read from, the ACMRDATA[7:0] output port from the AB block is returned.
If this register is written to, it will drive the ACMWDATA[7:0] input port of the AB block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com