Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-UG Datasheet(PDF) 10 Page - Actel Corporation

Part # COREAI-UG
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-UG Datasheet(HTML) 10 Page - Actel Corporation

Back Button COREAI-UG Datasheet HTML 6Page - Actel Corporation COREAI-UG Datasheet HTML 7Page - Actel Corporation COREAI-UG Datasheet HTML 8Page - Actel Corporation COREAI-UG Datasheet HTML 9Page - Actel Corporation COREAI-UG Datasheet HTML 10Page - Actel Corporation COREAI-UG Datasheet HTML 11Page - Actel Corporation COREAI-UG Datasheet HTML 12Page - Actel Corporation COREAI-UG Datasheet HTML 13Page - Actel Corporation COREAI-UG Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CoreAI
10
v2.0
Internal CoreAI Registers
The internal register address map and reset values of
each APB-accessible register for CoreAI are shown in
Table 9 on page 11. In the case of 8-bit APB reads and
writes (APB_16BIT_DATA = 0), each PADDR[4:0] address is
significant and contains the byte listed in the far right
column; however, when 16-bit APB reads and writes are
used
(APB_16BIT_DATA = 1),
PADDR[4:1]
addresses
contain one 16-bit word, where each two adjacent rows
in Table 9 on page 11 contain the low-order and high-
order bytes, consecutively (PADDR[0] is unused in this
case).
Table 10 on page 12 through Table 31 on page 17
describe the various APB-accessible registers within
CoreAI. Unless otherwise stated, each register can be
read from or written to by an internal or external
microprocessor/microcontroller. All registers are listed
assuming 8-bit APB reads and writes; if 16-bit APB reads
and writes are used, add 8 to each item in the "Bits"
column for high-order bytes (Table 11 on page 12,
Table 15 on page 13, Table 17 on page 13, Table 19 on
page 14, Table 21 on page 14, Table 23 on page 14,
Table 25 on page 15, Table 29 on page 16, and Table 31
on page 17).
When reading from register bits that are write-only or
unused (reserved), a logic 0 will be returned. When
writing to register bits that are read-only or unused
(reserved), no action takes place.
The INTERRUPT output is generated as the logical OR of
the interrupt enable bits (INTEN[14:0]) ANDed with the
interrupt status bits (INT[14:0]), as shown in Figure 4.
Table 7 • Settings for ATx Inputs
CFG_ATx Bit-Position Values ('X' indicates "don’t care")
ATx Input Usage
9
8
7
654
3
2
1
0
0
0
X
X
X
X
X
X
X
X
Temperature Monitor (default)
0
1
X
X
X
X
X
X
X
X
Digital Input
1
0
X
X
X
X
X
X
X
X
Voltage Monitor
1
1
X
XXX
X
X
X
X
Disabled
Table 8 • Settings for Gate Driver Usage
CFG_GDx Bit-Position Values ('X' indicates "don’t care")
Gate Driver Usage
9
876
5
432
1
0
0
0
X
X
X
X
X
X
X
X
Register controlled (default)
1
0
XX
X
XXX
X
X
Gate
Driver
(AGx)
controlled
by
DDGDONx input
1
0
XX
X
XXX
X
X
Reserved (unused)
1
1
X
X
X
X
X
X
X
X
Disabled (GDONx and AGx)
Figure 4 • CoreAI Interrupt Logic
INTEN[14]
INT[14]
INTEN[0]
INT[0]
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com