Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-UG Datasheet(PDF) 22 Page - Actel Corporation

Part # COREAI-UG
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-UG Datasheet(HTML) 22 Page - Actel Corporation

Back Button COREAI-UG Datasheet HTML 17Page - Actel Corporation COREAI-UG Datasheet HTML 18Page - Actel Corporation COREAI-UG Datasheet HTML 19Page - Actel Corporation COREAI-UG Datasheet HTML 20Page - Actel Corporation COREAI-UG Datasheet HTML 21Page - Actel Corporation COREAI-UG Datasheet HTML 22Page - Actel Corporation COREAI-UG Datasheet HTML 23Page - Actel Corporation COREAI-UG Datasheet HTML 24Page - Actel Corporation COREAI-UG Datasheet HTML 25Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
CoreAI
22
v2.0
ADC Operation
Control of the ADC within the AB macro in CoreAI is
accomplished by APB reads and writes. After a power-up
reset condition, the ADC will come out of its reset state
and commence with its internal calibration sequence.
When this calibration sequence has finished, the ADC
will be ready to use for conversions. Read the INT[1:0]
register bits to obtain status information relevant to the
ADC calibration.
The
user
must
configure
the
analog
quads
appropriately via the ACM interface to match the
required
design-specific
voltage,
current,
and
temperature
ranges
prior
to
performing
ADC
conversions; failure to do so may result in damage to
the Fusion device. The SmartGen software can be used to
configure the analog quads and RTC.
ADC Control
A typical analog-to-digital conversion is shown starting
in Figure 7 and ending in Figure 8 on page 23. The steps
for performing an ADC conversion are as follows:
1. Read the ADC Status register to ensure that the ADC
is not busy calibrating or performing a conversion.
2. Write the desired ADC settings to ADC Control
register 1, including the voltage reference selection
(internal
or
external),
mode
selection
(ADC
resolution), and clock divider settings.
3. Write the desired ADC settings to ADC Control
register 2, including the sample time control and
channel number to sample (1 of 32).
4. Set the Start Conversion bit to begin the
conversion process.
5. If a current or temperature monitor operation is
used on a corresponding AC or AT input pin, a write
must be done to set the corresponding current or
temperature monitor strobe high in ADC Control
register 3 or ADC Control register 4, respectively.
Refer to the Fusion datasheet for details on
external component connection requirements for
current and temperature monitoring.
6. Keep reading the high-order ADC Status register
until the ADC is not busy performing a conversion.
7. If a current or temperature monitor operation has
completed using a corresponding AC or AT input
pin, a write must be done to set the corresponding
current or temperature monitor strobe low in ADC
Control register 3 or ADC Control register 4,
respectively.
8. Read the low-order ADC Status register to obtain
the lower 8 bits of the resulting ADC conversion
data (the upper 4 bits of conversion data have
already been read from the high-order ADC Status
register).
Note: 8-bit APB reads and writes are shown.
Figure 7 • ADC Start of Conversion
PCLK
PADDR[4:0]
PWRITE
PSEL
PENABLE
PWDATA[7:0]
PRDATA[7:0]
ADCStat(hi)
ADCCtrl1(lo) ADCCtrl1(hi) ADCCtrl2(lo) ADCCtrl2(hi)
ADCStat(hi)
00
01
08
11
00
60
ADC Conversion Starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com