Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6554IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6554IGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6554IGN Datasheet HTML 4Page - Linear Technology LT6554IGN Datasheet HTML 5Page - Linear Technology LT6554IGN Datasheet HTML 6Page - Linear Technology LT6554IGN Datasheet HTML 7Page - Linear Technology LT6554IGN Datasheet HTML 8Page - Linear Technology LT6554IGN Datasheet HTML 9Page - Linear Technology LT6554IGN Datasheet HTML 10Page - Linear Technology LT6554IGN Datasheet HTML 11Page - Linear Technology LT6554IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT6554
8
6554fa
Power Supplies
The LT6554 is optimized for ±5V supplies but can be
operated on as little as ±2.25V or a single 4.5V supply and
as much as ±6V or a single 12V supply. Internally, each
supply is independent to improve channel isolation. Do
not leave any supply pins disconnected!
Enable/Shutdown
The LT6554 has a TTL compatible shutdown mode con-
trolled by the EN pin and referenced to the DGND pin. If the
amplifier will be enabled at all times, the EN pin can be
connected directly to DGND. If the enable function is
desired, either driving the pin above 2V or allowing the
internal 46k pull-up resistor to pull the EN pin to the top rail
will disable the amplifier. When disabled, the output will
become very high impedance. Supply current into the
amplifier in the disabled state will be primarily through V+
and approximately equal to (V+ – VEN)/46k.
It is important that the two following constraints on the
DGND pin and the EN pin are always followed:
V+ – VDGND ≥ 3V
VEN – VDGND ≤ 5.5V
Split supplies of ±3V to ±5.5V will satisfy these require-
ments with DGND connected to 0V.
In single supply applications above 5.5V, an additional
resistor may be needed from the EN pin to DGND if the pin
is ever allowed to float. For example, on a 12V single
supply, a 33k resistor to ground would protect the pin from
floating too high while still allowing the internal pull-up
resistor to disable the part.
On dual ±2.25V supplies, connecting the EN and DGND
pins to V– is the easiest way of ensuring that V+ – VDGND
is more than 3V.
The DGND pin should not be pulled above the EN pin since
doing so will turn on an ESD protection diode. If the EN pin
voltage is forced a diode drop below the DGND pin, current
should be limited to 10mA or less.
The enable/disable times of the LT6554 are fast when
driven with a logic input. Turn on (from 50% EN input to
50% output) typically occurs in less than 50ns. Turn off is
slower, but is nonetheless below 300ns.
Input Considerations
The LT6554 input voltage range is from V– + 1V to V+ – 1V
and is therefore larger than the output swing. The inputs
can be driven beyond the point at which the output clips so
long as input currents are limited to below ±10mA.
Layout and Grounding
It is imperative that care is taken in PCB layout in order to
utilize the very high speed and very low crosstalk of the
LT6554. Separate power and ground planes are highly
recommended and trace lengths should be kept as short
as possible. If input traces must be run over a distance of
several centimeters, they should use a controlled imped-
ance with either series or shunt terminations (nominally
50Ω or 75Ω) to maintain signal fidelity.
Care should be taken to minimize capacitance on the
LT6554’s output traces by increasing spacing between
traces and adjacent metal and by eliminating metal planes
in underlying layers. To drive cable or traces longer than
several centimeters, using the LT6553 with its fixed gain
of +2 in conjunction with series and load termination
resistors may provide better results.
A plot of LT6554 performance driving a 1k load with
various trace lengths is shown in Figure 1. All data is from
a 4-layer board with 2oz copper, 18mil of board layer
thickness to the ground plane, a trace width of 12mils and
spacing to adjacent metal of 18mils. The 0.2cm output
trace places the 1k resistor as close to the part as possible,
while the other curves show the load resistor consecu-
tively further away. The worst case, 4cm, trace has almost
10pF of parasitic capacitance.
In order to counteract any peaking in the frequency re-
sponse from driving a capacitive load, a series resistance
can be inserted in the line at the output of the part to flatten
the response. Figure 2 shows the frequency response with
the same 4cm trace from Figure 1, now with a 10Ω series
resistor inserted near the output pin of the LT6554. Note
that using a 10Ω series resistor with a 1k load only
decreases the output amplitude by 0.1dB or 1% and has a
minimal effect on the bandwidth of the system. See the
graph labeled “Maximum Capacitive Load vs Output Se-
ries Resistor” in the Typical Performance Characteristics
section for more information.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com