Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6554IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT6554IGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554IGN Datasheet(HTML) 1 Page - Linear Technology

  LT6554IGN Datasheet HTML 1Page - Linear Technology LT6554IGN Datasheet HTML 2Page - Linear Technology LT6554IGN Datasheet HTML 3Page - Linear Technology LT6554IGN Datasheet HTML 4Page - Linear Technology LT6554IGN Datasheet HTML 5Page - Linear Technology LT6554IGN Datasheet HTML 6Page - Linear Technology LT6554IGN Datasheet HTML 7Page - Linear Technology LT6554IGN Datasheet HTML 8Page - Linear Technology LT6554IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6554
1
6554fa
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
15
2
5V
16
1
–5V
–5V
–
+
14
480Ω
+
–
12
480Ω
+
–
10
9
5V
11
–5V
13
8
7
6
5
4
3
480Ω
RIN
GIN
BIN
1k
1k
1k
LT6554
6554 TA01a
The LT
®6554 is a high-speed triple video buffer with an
internally fixed gain of 1. The individual buffers are opti-
mized for performance with a 1k load and feature a
2VP–P full signal bandwidth of 400MHz, making them ideal
for driving very high-resolution video signals. Separate
power supply pins for each amplifier boost channel sepa-
ration to 90dB, allowing the LT6554 to excel in many high-
speed applications.
While the performance of the LT6554 is optimized for dual
supply operation, it can also be used on a single supply as
low as 4.5V. Using dual 5V supplies, each amplifier draws
only 8mA. When disabled, the amplifiers draw less than
100µA and the outputs become high impedance. Further-
more, the amplifiers are capable of turning on in less than
50ns, making them suitable for multiplexing and portable
applications.
The LT6554 is manufactured on Linear Technology’s
proprietary low voltage complementary bipolar process
and is available in the 16-lead SSOP package that fits in the
same PCB area as an SO-8 package.
■ RGB Buffers
■ A/D Drivers
■ LCD Projectors
■ 650MHz –3dB Small Signal Bandwidth
■ 400MHz –3dB 2VP-P Large Signal Bandwidth
■ 100MHz ±0.1dB Bandwidth
■ High Slew Rate: 2500V/µs
■ Fixed Gain of 1 Requires No External Resistors
■ 90dB Channel Separation at 10MHz
■ 60dB Channel Separation at 100MHz
■ –82dBc 2nd Harmonic Distortion at 10MHz, 2VP-P
■ –96dBc 3rd Harmonic Distortion at 10MHz, 2VP-P
■ Low Supply Current: 8mA per Amplifier
■ 6ns 0.1% Settling Time for 2V Step
■ TTL Compatible Enable: ISS ≤ 100µA When Disabled
■ Differential Gain of 0.022%, Differential
Phase of 0.006°
■ Wide Supply Range: ±2.25V (4.5V) to ±6V (12V)
■ Available in 16-Lead SSOP Package
650MHz Gain of 1
Triple Video Buffer
Triple Video Buffer and A/D Driver
Large Signal Transient Response
TIME (ns)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
4
8
12
16
6554 TA01b
20
2
0
6
10
14
18
VOUT = 2VP–P
VS = ±5V
RL = 1k
TA = 25°C


Similar Part No. - LT6554IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6554 LINER-LT6554 Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6554 LINER-LT6554 Datasheet
172Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
650MHz Gain of 1 Triple Video Buffer
More results

Similar Description - LT6554IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
650MHz Gain of 2 Triple Video Amplifier
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
650MHz, Gain of 5, Low Noise Amplifiers
March 9, 2006
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6555IGN LINER-LT6555IGN Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555_15 Datasheet
370Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com