Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6554IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6554IGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6554IGN Datasheet HTML 1Page - Linear Technology LT6554IGN Datasheet HTML 2Page - Linear Technology LT6554IGN Datasheet HTML 3Page - Linear Technology LT6554IGN Datasheet HTML 4Page - Linear Technology LT6554IGN Datasheet HTML 5Page - Linear Technology LT6554IGN Datasheet HTML 6Page - Linear Technology LT6554IGN Datasheet HTML 7Page - Linear Technology LT6554IGN Datasheet HTML 8Page - Linear Technology LT6554IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6554
4
6554fa
INPUT VOLTAGE (V)
–2.5
–20
0
1.5
6554 G05
–40
–60
–1.5
–0.5
0.5
2.5
20
VS = ±5V
TA = –55°C
TA = 25°C
TA = 125°C
EN PIN VOLTAGE (V)
0
0
–20
–40
–60
–80
–100
–120
–140
6554 G06
2
5
1
34
VS = ±5V
VDGND = 0V
TA = –55°C
TA = 25°C
TA = 125°C
TEMPERATURE (°C)
–55
–15
25
45
125
6554 G01
–35
5
65
85 105
12
10
8
6
4
2
0
TOTAL SUPPLY VOLTAGE (V)
04
6554 G02
1
2
3
56
7
8
9 10 11 12
12
10
8
6
4
2
0
EN PIN VOLTAGE (V)
6554 G03
12
10
8
6
4
2
0
0
1.0
2.0
2.5
0.5
1.5
3.0
3.5
4.0
VS = ±5V
RL = ∞
VIN = 0V
VS = ±5V
VDGND = 0V
VIN = 0V
VEN = 0V
VEN = 0.4V
V– = –V+
VEN, VDGND, VIN = 0V
TA = 25°C
TA = –55°C
TA = 25°C
TA = 125°C
SOURCE CURRENT (mA)
0
5
4
3
2
1
0
40
6554 G08
10
20 30
100
50
60 70 80 90
VS = ±5V
VIN = 4V
TA = 125°C
TA = –55°C
TA = 25°C
040
10
20 30
100
50
60 70 80 90
SINK CURRENT (mA)
0
–1
–2
–3
–4
–5
6554 G09
VS = ±5V
VIN = –4V
TA = 125°C
TA = –55°C
TA = 25°C
6554 G07
6554 G04
INPUT VOLTAGE (V)
–4.5
5
4
3
2
1
0
–1
–2
–3
–4
–5
–2.5
–0.5 0.5
4.5
–3.5
–1.5
1.5 2.5 3.5
TA = 25°C
TA = –55°C
VS = ±5V
RL = 1k
TA = 125°C
TEMPERATURE (°C)
–55
–15
25
45
125
–35
5
65
85 105
15.0
12.5
10.0
7.5
5.0
2.5
0
–2.5
–5.0
VS = ±5V
VIN = 0V
TYPICAL PART
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing vs ILOAD
(Output High)
Output Voltage Swing vs ILOAD
(Output Low)
Input Bias Current vs
Input Voltage
Output Voltage vs Input Voltage
EN Pin Current vs EN Pin Voltage
Offset Voltage vs Temperature
Supply Current per Amplifier vs
Temperature
Supply Current per Amplifier vs
Supply Voltage
Supply Current per Amplifier vs
EN Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com