Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6554IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT6554IGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554IGN Datasheet(HTML) 5 Page - Linear Technology

  LT6554IGN Datasheet HTML 1Page - Linear Technology LT6554IGN Datasheet HTML 2Page - Linear Technology LT6554IGN Datasheet HTML 3Page - Linear Technology LT6554IGN Datasheet HTML 4Page - Linear Technology LT6554IGN Datasheet HTML 5Page - Linear Technology LT6554IGN Datasheet HTML 6Page - Linear Technology LT6554IGN Datasheet HTML 7Page - Linear Technology LT6554IGN Datasheet HTML 8Page - Linear Technology LT6554IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6554
5
6554fa
6554 G11
6554 G10
FREQUENCY (kHz)
0.001
0.01
1
10
100
0.1
1000
100
10
1
6554 G12
FREQUENCY (MHz)
0.001
0.01
1
10
100
0.1
FREQUENCY (MHz)
0.01
0.1
10
100
1000
1
1000
100
10
1
0.1
70
60
50
40
30
20
10
0
VS = ±5V
TA = 25°C
in
–PSRR
+PSRR
±PSRR
VS = ±5V
TA = 25°C
VS = ±5V
VIN = 0V
TA = 25°C
en
6554 G13
6554 G14
6554 G16
6554 G17
6554 G18
FREQUENCY (MHz)
0.1
0
–20
–40
–60
–80
– 100
– 120
1
10
100
1000
6554 G15
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
ALL-
HOSTILE
WORST
ADJACENT
FREQUENCY (MHz)
0.1
10
1000
3
2
1
0
–1
–2
–3
–4
–5
–6
1
100
VOUT = 200mVP-P
VOUT = 4VP-P
VOUT = 2VP-P
VS = ±5V
RL = 1k
CL = 1.5pF
TA = 25°C
FREQUENCY (MHz)
0.5
0.4
0.3
0.2
0.1
0
– 0.1
– 0.2
– 0.3
– 0.4
– 0.5
0.1
10
100
1000
1
G-CHANNEL
B-CHANNEL
R-CHANNEL
VS = ±5V
VOUT = 200mVP-P
RL = 1k
CL = 1.5pF
TA = 25°C
TYPICAL PART
FREQUENCY (MHz)
0.1
10
1000
12
10
8
6
4
2
0
–2
–4
–6
1
100
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
CL = 12pF
CL = 9pF
CL = 6.8pF
CL = 3.3pF
CL = 1.5pF
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0.01
1
10
100
0.1
HD2
HD3
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
FREQUENCY (MHz)
0.01
100000
10000
1000
100
10
1
0.1
0.1
1
10
100
1000
VS = ±5V
RL = 1k
TA = 25°C
DISABLED
VEN = 4V
ENABLED
VEN = 0.4V
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Response
Gain Flatness vs Frequency
Crosstalk vs Frequency
Frequency Response with
Capacitive Loads
Harmonic Distortion vs Frequency
Output Impedance vs Frequency
Input Noise Spectral Density
Input Impedance vs Frequency
PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com