Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6554IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6554IGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6554IGN Datasheet HTML 4Page - Linear Technology LT6554IGN Datasheet HTML 5Page - Linear Technology LT6554IGN Datasheet HTML 6Page - Linear Technology LT6554IGN Datasheet HTML 7Page - Linear Technology LT6554IGN Datasheet HTML 8Page - Linear Technology LT6554IGN Datasheet HTML 9Page - Linear Technology LT6554IGN Datasheet HTML 10Page - Linear Technology LT6554IGN Datasheet HTML 11Page - Linear Technology LT6554IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT6554
10
6554fa
TYPICAL APPLICATIO
RGB Buffer Demo Board
The DC794 Demo Board illustrates optimal routing,
bypassing and termination using the LT6554 as an
RGB video buffer. The schematic is shown in Figure 4. All
inputs and outputs are routed to have a characteristic
impedance of 75Ω. The 75Ω input shunt and output series
terminations are connected as close to the part as pos-
sible. While the 75Ω back termination resistors at the
outputs of the LT6554 minimize signal reflections in the
output traces and isolate the part from any capacitive
loading in those traces, they also contribute to gain error
if the output is not terminated with high impedance. For
example, if the output is terminated with a 1k load, the 75Ω
back termination will cause a 7% gain error. Decreasing
the value of the back termination resistors will decrease
the signal attenuation but may compromise the AC re-
sponse. However, connecting the LT6554 outputs to the
output traces on the DC794 board without some series
resistance is not recommended; 10Ω to 20Ω is generally
sufficient.
A fourth signal trace is provided at the bottom of the
DC794 demo board with dimensions identical to the
combined input and output of the other channels. This
trace can be used for calibrating the effects of electrical
delay and impedance mismatching and is not necessary
in an end-user application. Jumpers and additional con-
nectors are also included to allow for evaluation of the
enable feature and single supply operation.
RGB Video Selector/Cable Driver
A video multiplexer can be implemented using the EN pins
of parallel LT6554s as shown in Figure 5. In this applica-
tion, the corresponding outputs are connected together
and one LT6554 is switched on while the other is switched
off. A fast inverter provides a complementary signal to
ensure that only one set of R, G and B channels is buffered
at any time.
Since the output impedance of a disabled LT6554 is very
high, adding additional channels will not resistively load
an enabled output. However, since the disabled LT6554
has around 6pF of capacitance, it may be desirable to
resistively isolate the outputs of each channel to maintain
flat frequency response as shown in the graph labeled
“Maximum Capacitive Load vs Output Series Resistor” in
the Typical Performance Characteristics section.
Figure 4. DC794 Demo Board Schematic
V–
V–
J4
BANANA JACK
10
11
12
13
14
15
16
R6
75Ω
R5
75Ω
R4
75Ω
R1
75Ω
R2
75Ω
R3
75Ω
Z = 75
Z = 75
Z = 75
Z = 75
C1
4700pF
9
INB
AGND
ING
AGND
INR
DGND
EN
V–
V+
V+
8
7
6
5
4
3
2
1
V–
OUTB
V+
OUTG
V–
OUTR
V+
V+
LT6554
6554 F04
C2
470pF
C3
4700pF
C4
10µF, 16V
1210
J2
BANANA
JACK
J9
5
1
OUTR
4
3
2
C5
470pF
DUAL
SINGLE
C6
1000pF
C7
470pF
C8
4700pF
C9
10µF, 16V
1210
J10
5
J12
BNC
BNC x3
5
1
CAL
4
3
2
1
OUTG
4
3
2
J11
5
1
OUTB
4
3
2
J8
BNC
5
1
J3
BANANA
JACK
E3
AGND
E1
EN
E2
DGND
CAL
AGND
4
3
2
13
2
JP3
SUPPLY
ENABLE
EXT
3
1 2
JP1
CONTROL
J5
5
1
INR
4
3
2
J6
5
BNC × 3
1
ING
4
3
2
J7
5
1
Z = 75
Z = 75
Z = 75
INB
4
3
2
AGND
FLOAT
3
1 2
JP2
DGND
J1
50Ω BNC
EN
5432
1
ALL BNC: CANARE BCJ-BPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com