Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1043CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1043CSW Datasheet HTML 3Page - Linear Technology LTC1043CSW Datasheet HTML 4Page - Linear Technology LTC1043CSW Datasheet HTML 5Page - Linear Technology LTC1043CSW Datasheet HTML 6Page - Linear Technology LTC1043CSW Datasheet HTML 7Page - Linear Technology LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology LTC1043CSW Datasheet HTML 10Page - Linear Technology LTC1043CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1043
7
1043fa
Figure 4. Individual Switch Charge Injection
vs Input Voltage
Figure 5. Printed Circuit Board Layout
Showing Shielding the Sampling Capacitor
Figure 6. Internal Oscillator
APPLICATIO S I FOR ATIO
VIN (V)
0
0
2
4
6
8
48
12
16
LTC1043 • AI04
10
12
26
10
14
V+ = 15V
V– = 0V
V+ = 10V
V– = 0V
V+ = 5V
V– = 0V
LTC1043 • AI05
1
2
3
CS
OUTSIDE FOIL
PRINTED CIRCUIT
BOARD AREA
LTC1043
recover from the latch mode when the input drops 3V to 4V
below the voltage value which caused the latch. For
instance, if an external resistor of 200Ω is connected in
series with an input pin, the input can be taken 1.3V above
the supply without latching the IC. The same applies for the
C+ and C– pins.
COSC Pin (16), Figure 6
The Cosc pin can be used with an external capacitor, Cosc,
connected from Pin 16 to Pin 17, to modify the internal
oscillator frequency. If Pin 16 is floating, the internal 24pF
capacitor, plus any external interpin capacitance, set the
oscillator frequency around 190kHz with ±5V supply. The
typical performance characteristics curves provide the
necessary information to set the oscillator frequency for
various power supply ranges. Pin 16 can also be driven
with an external clock to override the internal oscillator.
Although standard 7400 series CMOS gates do not
guarantee CMOS levels with the current source and sink
requirements of Pin 16, they will in reality drive the Cosc
pin. CMOS gates conforming to standard B series output
drive have the appropriate voltage levels and more than
enough output current to simultaneously drive several
LTC1043 COSC pins. The typical trip levels of the Schmitt
trigger (Figure 6) are given below.
LTC1043 * AI06
24pF
17
16
4
COSC
(EXTERNAL)
fOSC = 190kHz •
(24pF)
(24pF + COSC)
COSC
V+
V–
38µF
TO CLK GENERATOR
SUPPLY
TRIP LEVELS
V+ = 5V, V– = 0V
VH = 3.4VVL = 1.35V
V+ = 10V, V– = 0V
VH = 6.5VVL = 2.8V
V+ = 15V, V– = 0V
VH = 9.5VVL = 4.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com