Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1043CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology LTC1043CSW Datasheet HTML 10Page - Linear Technology LTC1043CSW Datasheet HTML 11Page - Linear Technology LTC1043CSW Datasheet HTML 12Page - Linear Technology LTC1043CSW Datasheet HTML 13Page - Linear Technology LTC1043CSW Datasheet HTML 14Page - Linear Technology LTC1043CSW Datasheet HTML 15Page - Linear Technology LTC1043CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1043
13
1043fa
High Frequency Clock Tunable Bandpass Filter
LTC1043 • A18
–5V
1k
–5V
LT1004-1.2C
FREQUENCY IN
0kHz TO 30kHz
1µF
0V TO 3V OUTPUT
*75k = TRW # MTR-5/120ppm
–5V
5V
1000pF
5V
1µF
75k*
1/4 LTC1043
12
14
13
–
+
10k
GAIN TRIM
LF356
16
4
17
0.005% F/V Converter
1000pF
1000pF
12
11
7
200pF
1/2 LTC1043
8
14
13
RQ = 10k
BANDPASS CENTER FREQUENCY fO =
BANDPASS GAIN AT fO IS: RQ/RIN
•
fO MAX ≤ 100kHz
QMAX AT 100kHz fO IS ≤10
(fO • Q) MAX ≤ 1MHz
fCLK MAX ≤ 3MHz, Q < 2
5V
–5V
5V
5V
–5V
–5V
–5V
–
+
LT1056
LTC1043 • A19
BANDPASS
OUTPUT
3
17
2
4
200pF
1/2 LTC1043
6
18
15
5V
5
16
–
+
LT1056
–
+
LT1056
VIN
10k
RIN
R1
10k
R2
10k
CLOCK
INPUT
Q =
RQ
R2
R1
R2
fCLK
31.4
R1
R2
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com