Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1043CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1043CSW Datasheet HTML 1Page - Linear Technology LTC1043CSW Datasheet HTML 2Page - Linear Technology LTC1043CSW Datasheet HTML 3Page - Linear Technology LTC1043CSW Datasheet HTML 4Page - Linear Technology LTC1043CSW Datasheet HTML 5Page - Linear Technology LTC1043CSW Datasheet HTML 6Page - Linear Technology LTC1043CSW Datasheet HTML 7Page - Linear Technology LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1043
3
1043fa
Power Supply Current vs
Power Supply Voltage
(Test Circuits 2 through 4)
TYPICAL PERFOR A CE CHARACTERISTICS
RON vs VIN
RON vs VIN
RON vs VIN
RON (Peak) vs Power Supply
Voltage and Temperature
RON (Peak) vs Power Supply
Voltage
Oscillator Frequency, fOSC
vs COSC
Normalized Oscillator Frequency,
fOSC vs Supply Voltage
Oscillator Frequency, fOSC
vs Supply Voltage
VSUPPLY (V)
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
16
LTC1043 • TPC01
48
12
20
14
26
10
18
TA = –55°C
COSC = 0pF
COSC = 0.0047pF
TA = 25°C
COSC = 0pF
COSC = 0.0047pF
TA = 125°C
COSC = 0pF
COSC = 0.0047pF
VIN (V)
0
350
450
550
4
LTC1043 • TPC02
250
150
300
400
500
200
100
1
2
3
5
V+ = 5V
V– = 0V
TA = 25°C
VIN
RON (PEAK)
I = mA
I = 100
µA
I = 100
µA
VIN (V)
0
180
220
260
16
LTC1043 • TPC04
140
100
160
200
240
120
80
4
2
8
6
12 14
18
10
20
V+ = 15V
V– = 0V
TA = 25°C
VIN
RON (PEAK)
I = mA
I = 100
µA
I = 100
µA
COSC (pF)
1k
10k
100k
1M
04k
6k
8k
100
2k
10k
LTC1043 • TPC07
TA = 25°C
V+ = 15V, V– = 0V
V+ = 5V, V– = 0V
V+ = 10V, V– = 0V
VSUPPLY (V)
0
150
200
250
16
LTC1043 • TPC08
100
50
125
175
225
75
25
4
2
8
6
12 14
18
10
20
TA = 25°C
COSC = 0pF
COSC = 100pF
VSUPPLY (V)
0
1.2
1.6
2.0
16
LTC1043 • TPC09
0.8
0.4
1
1.4
1.8
0.6
0.2
0
4
2
8
6
12 14
18
10
20
0pF < COSC < 0.01µF
TA = 25°C
VIN (V)
0
200
240
280
8
LTC1043 • TPC03
160
120
220
260
180
140
100
2
4
6
10
7
1
3
5
9
V+ = 10V
V– = 0V
TA = 25°C
VIN
RON (PEAK)
I = mA
I = 100
µA
I = 100
µA
VSUPPLY (V)
0
600
800
1000
16
LTC1043 • TPC05
400
200
500
700
900
300
100
0
4
2
8
6
12 14
18
10
20
VIN
RON (PEAK)
VIN = 1.6V
VIN ≈ 3.2V
VIN ≈ 7V
VIN ≈ 11V
VIN ≈ 15.1V
3V ≤ V+ + ≤18V
V– = 0V
TA = 25°C
I = 100µA
VSUPPLY (V)
0
700
900
1100
16
LTC1043 • TPC06
500
300
600
800
1000
400
200
100
4
2
8
6
12 14
18
10
20
VIN
RON (PEAK)
TA = 125°C
TA = –55°C
I = 100µA
TA = 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com