Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1043CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology LTC1043CSW Datasheet HTML 10Page - Linear Technology LTC1043CSW Datasheet HTML 11Page - Linear Technology LTC1043CSW Datasheet HTML 12Page - Linear Technology LTC1043CSW Datasheet HTML 13Page - Linear Technology LTC1043CSW Datasheet HTML 14Page - Linear Technology LTC1043CSW Datasheet HTML 15Page - Linear Technology LTC1043CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1043
12
1043fa
Quad Single 5V Supply, Low Hold Step, Sample-and-Hold
Single Supply Precision Linearized Platinum RTD Signal Conditioner
LTC1043 • A15
NC
OUTPUT
OUTPUT
NC
5V
2
3
11
4
1
11
7
8
VIN
CL
0.01µF
CL
0.01µF
VIN
6
5
7
12
13
14
–
+
1/4 LT1014
–
+
1/4 LT1014
– 5V
HOLD
SAMPLE
FOR 1V ≤ VIN ≤ 4V, THE HOLD STEP IS ≤ 300µV
ACQUISITION TIME ~ 8 • RON CH FOR 10-BIT ACCURACY
LTC1043 • A16
NC
OUTPUT
OUTPUT
NC
13
12
14
2
6
5
VIN
CL
0.01µF
CL
0.01µF
9
10
8
3
18
15
16
17
4
–
+
1/4 LT1014
–
+
1/4 LT1014
VIN
LTC1043 • A17
887Ω
1mA
Rp = ROSEMOUNT 118MFRTD
1% FILM RESISTOR
TRIM SEQUENCE:
SET SENSOR TO 0°C VALUE. ADJUST ZERO FOR 0V OUT
SET SENSOR TO 100°C VALUE. ADJUST GAIN FOR 1,000V OUT
SET SENSOR TO 400°C VALUE. ADJUST LINEARITY FOR 4,000V OUT
REPEAT AS REQUIRED
1µF
8.06k*
1k*
5k
0V TO 4V = 0°C TO 400°C
±0.05°C
1µF
2k
Rp
100Ω
AT 0°C
12
11
7
1µF
0.1µF
1/2 LTC1043
8
14
13
5
1µF
1/2 LTC1043
6
18
16
5V
5V
250k*
(LINEARITY CORRECTION LOOP)
2.4k
2.74k*
8.25k*
50k
ZERO
ADJUST
LT1009
2.5V
10k*
3
2
4
1
8
5
6
7
1k
GAIN
ADJUST
–
+
1/2 LT1013
–
+
1/2 LT1013
4
15
17
0.01µF
3
2
*
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com