Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1043CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1043CSW
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1043CSW Datasheet HTML 1Page - Linear Technology LTC1043CSW Datasheet HTML 2Page - Linear Technology LTC1043CSW Datasheet HTML 3Page - Linear Technology LTC1043CSW Datasheet HTML 4Page - Linear Technology LTC1043CSW Datasheet HTML 5Page - Linear Technology LTC1043CSW Datasheet HTML 6Page - Linear Technology LTC1043CSW Datasheet HTML 7Page - Linear Technology LTC1043CSW Datasheet HTML 8Page - Linear Technology LTC1043CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1043
1
1043fa
■
Instrumentation Front End with 120dB CMRR
■
Precise, Charge-Balanced Switching
■
Operates from 3V to 18V
■
Internal or External Clock
■
Operates up to 5MHz Clock Rate
■
Low Power
■
Two Independent Sections with One Clock
The LTC
®1043 is a monolithic, charge-balanced, dual
switched capacitor instrumentation building block. A pair
of switches alternately connects an external capacitor to
an input voltage and then connects the charged capacitor
across an output port. The internal switches have a
break-before-make action. An internal clock is provided
and its frequency can be adjusted with an external
capacitor. The LTC1043 can also be driven with an external
CMOS clock.
The LTC1043, when used with low clock frequencies,
provides ultra precision DC functions without requiring
precise external components. Such functions are
differential voltage to single-ended conversion, voltage
inversion, voltage multiplication and division by 2, 3, 4, 5,
etc. The LTC1043 can also be used for precise V–F and
F–V circuits without trimming, and it is also a building
block for switched capacitor filters, oscillators and
modulators.
The LTC1043 is manufactured using Linear Technology’s
enhanced LTCMOS
TM silicon gate process.
Dual Precision
Instrumentation Switched Capacitor
Building Block
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
■
Precision Instrumentation Amplifiers
■
Ultra Precision Voltage Inverters, Multipliers
and Dividers
■
V–F and F–V Converters
■
Sample-and-Hold
■
Switched Capacitor Filters
Instrumentation Amplifier
CMRR vs Frequency
TYPICAL APPLICATIO
LTCMOS is a trademark of Linear Technology Corporation.
FREQUENCY OF COMMON MODE SIGNAL
100
20
100
120
140
1k
10k
100k
LTC1043 • TA02
80
60
40
CS = CH = 1µF
LTC1043 • TA01
0.01
µF
–5V
–5V
5V
DIFFERENTIAL
INPUT
12
11
16
4
7
13
17
∆
∆
CS
VOUT
1
µF
CH
1
µF
R2
R1
3
2
4
1
8
CMRR > 120dB AT DC
CMRR > 120dB AT 60Hz
DUAL SUPPLY OR SINGLE 5V
GAIN = 1 + R2/R1
VOS ≈ 150µV
≈ 2µV/°C
VOS
T
COMMON MODE INPUT VOLTAGE INCLUDES THE SUPPLIES
1/2 LTC1043
5V
1/2 LTC1013
1
µF
(EXTERNAL)
8
14
–
+
FEATURES
APPLICATIO S


Similar Part No. - LTC1043CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
Dual Precision Intrumentation Switched-Capacitor Building Block?
More results

Similar Description - LTC1043CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1043 LINER-LTC1043 Datasheet
1Mb / 16P
Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LT1043 LINER-LT1043 Datasheet
1Mb / 16P
DUAL PRECISION INSTRUMENTATION SWITCHED CAPACITOR BUILDING BLOCK
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC6943 LINER-LTC6943 Datasheet
243Kb / 16P
Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1043 LINER-LTC1043_15 Datasheet
240Kb / 16P
Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943_15 Datasheet
249Kb / 16P
Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com