Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1047CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1047CSW
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1047CSW Datasheet HTML 1Page - Linear Technology LTC1047CSW Datasheet HTML 2Page - Linear Technology LTC1047CSW Datasheet HTML 3Page - Linear Technology LTC1047CSW Datasheet HTML 4Page - Linear Technology LTC1047CSW Datasheet HTML 5Page - Linear Technology LTC1047CSW Datasheet HTML 6Page - Linear Technology LTC1047CSW Datasheet HTML 7Page - Linear Technology LTC1047CSW Datasheet HTML 8Page - Linear Technology LTC1047CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1047
1047fa
■
No External Components Required
■
Maximum Offset Voltage: 10
µV
■
Maximum Offset Voltage Drift: 50nV/
°C
■
Supply Current: 80µA
■
Minimum CMRR: 110dB
■
Minimum PSRR: 105dB
■
Single Supply Operation: 4.75V to 16V
■
Common Mode Range Includes GND
■
Output Swings to GND
■
Typical Overload Recovery Time: 70ms
■
Pin Compatible with Industry Standard Dual
Op Amps
The LTC
®1047 is a micropower, high performance
dual zero-drift operational amplifier. The sample-and-hold
capacitors usually required by other chopper amplifiers
are integrated on-chip, minimizing the need for external
components.
The LTC1047 has a typical offset voltage of 3µV, drift
of 10nV/°C, input noise voltage typically 3.5µVP-P,
and typical voltage gain of 150dB. The common mode
rejection is 110dB minimum, with minimum power supply
rejection of 105dB. The LTC1047 also offers a 0.2V/µs
slew rate and a gain bandwidth product of 200kHz. Over-
load recovery time from saturation is 70ms, four times
faster than chopper amplifiers with external capacitors.
The LTC1047 is available in a standard plastic 8-pin PDIP
as well as a 16-pin SW package. The LTC1047 is a plug-in
replacement for most dual op amps with improved DC
performance and substantial power savings.
Micropower Single Supply Instrumentation Amplifier
Dual Micropower
Zero-Drift Operational Amplifier
with Internal Capacitors
CMRR vs Frequency
■
Thermocouple Amplifiers
■
Electronic Scales
■
Battery Powered Instrumentation
■
Strain Gauge Amplifiers
■
Remote Located Sensors
LT1047 • TA02
FREQUENCY OF COMMON MODE SIGNAL
100
20
100
120
140
1k
10k
100k
80
60
40
CS = CH = 1µF
18
4
6
16
2
3
17
5
15
100Ω
1/2 LTC1043
100k
VOUT
5V
5V
–IN
+IN
7
4
6
CH
1µF
CS
1µF
0.1µF
5
–
+
1/2
LTC1047
GAIN = 1000
CMRR > = 120dB AT 60Hz
VOS = < 10µV
IS = 62µA (INCLUDING THE LTC1043)
LTC1047 • TA01
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1047CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1047CS LINER-LTC1047CS Datasheet
404Kb / 7P
Dual Micropower Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1047CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053 LINER-LTC1053_15 Datasheet
304Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com