Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1047CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1047CSW
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1047CSW Datasheet HTML 1Page - Linear Technology LTC1047CSW Datasheet HTML 2Page - Linear Technology LTC1047CSW Datasheet HTML 3Page - Linear Technology LTC1047CSW Datasheet HTML 4Page - Linear Technology LTC1047CSW Datasheet HTML 5Page - Linear Technology LTC1047CSW Datasheet HTML 6Page - Linear Technology LTC1047CSW Datasheet HTML 7Page - Linear Technology LTC1047CSW Datasheet HTML 8Page - Linear Technology LTC1047CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1047
1047fa
Photo
Large-Signal Transient Response
10µs/DIV
Overload Recovery
0
–5V
10ms/DIV
LTC1047 • TPC12
LTC1047 • TPC13
AV = +1
RL = 100k
CL = 50pF
VS = ±5V
AV = 100
VS = ±5V
DC to 10Hz Noise Test Circuit
10Ω
100k
475k
OUTPUT
FOR 1Hz NOISE BANDWIDTH, INCREASE ALL CAPACITORS BY A FACTOR OF 10
475k
316k
158k
6
2
3
–
+
1/2
LTC1047
LTC1047 • TC02
0.01µF
0.01µF
–
+
LT
®1012
0.01µF
Electrical Characteristics Test Circuit
1k
1M
OUTPUT
RL
V+
V –
6
8
4
2
3
–
+
1/2
LTC1047
LTC1047 • TC01
200mV
0
TYPICAL PERFOR A CE CHARACTERISTICS
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com