Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1047CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1047CSW
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1047CSW Datasheet HTML 4Page - Linear Technology LTC1047CSW Datasheet HTML 5Page - Linear Technology LTC1047CSW Datasheet HTML 6Page - Linear Technology LTC1047CSW Datasheet HTML 7Page - Linear Technology LTC1047CSW Datasheet HTML 8Page - Linear Technology LTC1047CSW Datasheet HTML 9Page - Linear Technology LTC1047CSW Datasheet HTML 10Page - Linear Technology LTC1047CSW Datasheet HTML 11Page - Linear Technology LTC1047CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1047
1047fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LW/TP 1202 1K REV A • PRINTED IN USA
 LINEAR TECHNOLOGY CORPORATION 1992
Low Noise, Low Drift Composite Amplifier
LTC1047 • TA05
8
7
5
6
2
3
4
1
3
2
4
7
8
6
1
–
+
1/2
LTC1047
–
+
1/2
LTC1047
5V
5V
–5V
100k
100k
10k
250k
1000pF
0.01µF
100Ω
750Ω
56Ω
–5V
INPUT
OUTPUT
+
–
VOS = 3µV
0.1Hz TO 10Hz NOISE = 0.7µVP-P
IS = 490µA
–
+
LT®1012
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com