Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1047CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1047CSW
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1047CSW Datasheet HTML 1Page - Linear Technology LTC1047CSW Datasheet HTML 2Page - Linear Technology LTC1047CSW Datasheet HTML 3Page - Linear Technology LTC1047CSW Datasheet HTML 4Page - Linear Technology LTC1047CSW Datasheet HTML 5Page - Linear Technology LTC1047CSW Datasheet HTML 6Page - Linear Technology LTC1047CSW Datasheet HTML 7Page - Linear Technology LTC1047CSW Datasheet HTML 8Page - Linear Technology LTC1047CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1047
1047fa
TYPICAL PERFOR A CE CHARACTERISTICS
Gain, Phase vs Frequency, ±5V
Sampling Frequency
vs Supply Voltage
CMRR vs Frequency
LTC1047 • TPC06
FREQUENCY (Hz)
40
60
100
140
160
1
100
1k
100k
20
10
10k
120
80
0
VS = ±5V
TA = 25°C
PSRR vs Frequency
LTC1047 • TPC07
FREQUENCY (Hz)
40
80
120
20
60
100
1
100
1k
10k
100k
0
10
POSITIVE SUPPLY
NEGATIVE SUPPLY
LTC1047 • TPC09
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
4
500
600
700
800
900
68
10
12
14
16
TA = 25°C
LTC1047 • TPC08
FREQUENCY (Hz)
0
20
40
60
80
102
104
105
106
–20
225
180
135
90
45
270
103
GAIN
PHASE
VS = ±5V
CL = 50pF
Small-Signal Transient Response
Sampling Frequency
vs Temperature
LTC1047 • TPC11
LTC1047 • TPC010
AMBIENT TEMPERATURE, TA (°C)
–50
500
700
1000
0
50
75
600
900
800
–25
25
100
125
VS = ±5V
100mV
STEP
10µs/DIV
AV = +1
RL = 100k
CL = 50pF
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com