Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1047CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1047CSW
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1047CSW Datasheet HTML 1Page - Linear Technology LTC1047CSW Datasheet HTML 2Page - Linear Technology LTC1047CSW Datasheet HTML 3Page - Linear Technology LTC1047CSW Datasheet HTML 4Page - Linear Technology LTC1047CSW Datasheet HTML 5Page - Linear Technology LTC1047CSW Datasheet HTML 6Page - Linear Technology LTC1047CSW Datasheet HTML 7Page - Linear Technology LTC1047CSW Datasheet HTML 8Page - Linear Technology LTC1047CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1047
1047fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Connecting any terminal to voltages greater than V+ or less than V–
may cause destructive latch-up. It is recommended that no sources
operating from external supplies be applied prior to power-up of the
LTC1047.
Note 3: These parameters are guaranteed by design. Thermocouple effects
preclude measurements of these voltage levels in high speed automatic
test systems. VOS is measured to a limit determined by test equipment
capability.
Note 4: Current Noise is calculated from the formula: In = √2q • IB) where
q = 1.6 • 10–19 Coulomb.
PARAMETER
CONDlTlONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 100k, CL = 50pF
0.2
V/µs
Gain Bandwidth Product
200
kHz
Supply Current/Amplifier
No Load, 25°C ≤ TA ≤ 70°C
60
150
µA
No Load, 0°C ≤ TA ≤ 25°C
80
275
µA
Internal Sampling Frequency
680
Hz
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1047 • TPC03
AMBIENT TEMPERATURE, TA (°C)
–50
40
60
90
0
50
75
50
80
70
–25
25
100
125
VS = ±5V
Supply Current vs
Temperature Per Amplifier
Supply Current vs
Supply Voltage Per Amplifier
LTC1047 • TPC02
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
4
0
20
40
60
80
120
6
810
12
14
16
100
TA = 25°C
Common Mode Input Range
vs Supply Voltage
Output Short-Circuit Current
vs Supply Voltage
LTC1047 • TPC04
SUPPLY VOLTAGE (±V)
0
0
4
8
–4
–8
2
4
6
1
3
5
7
8
–2
2
–6
6
VCM = V
–
LTC1047 • TPC05
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
4
–12
–8
–4
0
1
3
6
810
12
14
16
2
VOUT = V
–
ISOURCE
VOUT = V
+
ISINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com