Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1049CS8
Description  Low Power Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1049CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1049CS8 Datasheet HTML 1Page - Linear Technology LTC1049CS8 Datasheet HTML 2Page - Linear Technology LTC1049CS8 Datasheet HTML 3Page - Linear Technology LTC1049CS8 Datasheet HTML 4Page - Linear Technology LTC1049CS8 Datasheet HTML 5Page - Linear Technology LTC1049CS8 Datasheet HTML 6Page - Linear Technology LTC1049CS8 Datasheet HTML 7Page - Linear Technology LTC1049CS8 Datasheet HTML 8Page - Linear Technology LTC1049CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1049
1
1049fb
■
Low Supply Current: 200
µA
■ No External Components Required
■ Maximum Offset Voltage: 10
µV
■
Maximum Offset Voltage Drift: 0.1
µV/°C
■ Single Supply Operation: 4.75V to 16V
■ Input Common Mode Range Includes Ground
■
Output Swings to Ground
■ Typical Overload Recovery Time: 6ms
■ Available in 8-Pin SO and PDIP Packages
The LTC
®1049 is a high performance, low power zero-drift
operational amplifier. The two sample-and-hold capacitors
usually required externally by other chopper stabilized
amplifiers are integrated on the chip. Further, the LTC1049
offers superior DC and AC performance with a nominal
supply current of only 200
µA.
The LTC1049 has a typical offset voltage of 2
µV, drift of
0.02
µV/°C, 0.1Hz to 10Hz input noise voltage of 3µVP-P
and typical voltage gain of 160dB. The slew rate is 0.8V/
µs
with a gain bandwidth product of 0.8MHz.
Overload recovery time from a saturation condition is
6ms, a significant improvement over chopper amplifiers
using external capacitors.
The LTC1049 is available in a standard 8-pin plastic dual
in line, as well as an 8-pin SO package. The LTC1049 can
be a plug-in replacement for most standard op amps with
improved DC performance and substantial power savings.
Low Power Zero-Drift
Operational Amplifier
with Internal Capacitors
■ 4mA to 20mA Current Loops
■ Thermocouple Amplifiers
■ Electronic Scales
■ Medical Instrumentation
■ Strain Gauge Amplifiers
■ High Resolution Data Acquisition
Single Supply Thermocouple Amplifier
0.1
µF
–
GND
3
2
2
7
7
6
246k
SUPPLY CURRENT = 280
µA
VOUT = 0V TO 4V
FOR 0
°C TO 400°C
0.068
µF
VIN =5V
1k
4
4
+
R–
LTC1049 • TA01
LT
®1025A
TYPE K
5
K
–
+
LTC1049
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1049CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1049CS8 LINER-LTC1049CS8 Datasheet
311Kb / 9P
Low Power Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1049CS8 LINER-LTC1049CS8 Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier
More results

Similar Description - LTC1049CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
15V Zero-Drift Operational Amplifier with Internal Capacitors
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
NCS333 ONSEMI-NCS333_16 Datasheet
640Kb / 16P
Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com