Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1049CS8
Description  Low Power Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1049CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1049CS8 Datasheet HTML 1Page - Linear Technology LTC1049CS8 Datasheet HTML 2Page - Linear Technology LTC1049CS8 Datasheet HTML 3Page - Linear Technology LTC1049CS8 Datasheet HTML 4Page - Linear Technology LTC1049CS8 Datasheet HTML 5Page - Linear Technology LTC1049CS8 Datasheet HTML 6Page - Linear Technology LTC1049CS8 Datasheet HTML 7Page - Linear Technology LTC1049CS8 Datasheet HTML 8Page - Linear Technology LTC1049CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1049
4
1049fb
TYPICAL PERFOR A CE CHARACTERISTICS
CMRR vs Frequency
Sampling Frequency vs
Temperature
Sampling Frequency vs
Supply Voltage
TOTAL SUPPLY VOLTAGE, V+ TO V – (V)
4
1000
1500
2000
2500
3000
6
8
10
12
LTC1049 • TPC07
14
16
AMBIENT TEMPERATURE (
°C)
–50
0
2
5
0
50
75
LTC1049 • TPC08
1
4
3
–25
25
100
125
VS = ± 5V
FREQUENCY (Hz)
40
60
100
140
160
1
100
1k
100k
LTC1049 • TPC09
20
10
10k
120
80
0
VS = ± 5V
Overload Recovery
Large-Signal Transient
Response
Small-Signal Transient
Response
0.5ms/DIV
0.2V/DIV
2V/DIV
400mV
0V
0V
–5V
AV = 1
RL = 10k
CL = 50pF
VS = ±5V
100mV
STEP
1
µs/DIV
AV = 1
RL = 10k
CL = 50pF
VS = ±5V
6V
STEP
5
µs/DIV
LTC1049 DC to 1Hz Noise
LTC1049 • TPC10
LTC1049 • TPC11
LTC1049 • TPC12
AV = –100
VS = ±5V
10s/DIV
1Hz NOISE
1
µV/DIV
NOISE VOLTAGE
1
µV/DIV
LTC1049 • TPC13
VS = ± 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com