Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1049CS8
Description  Low Power Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1049CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1049CS8 Datasheet HTML 1Page - Linear Technology LTC1049CS8 Datasheet HTML 2Page - Linear Technology LTC1049CS8 Datasheet HTML 3Page - Linear Technology LTC1049CS8 Datasheet HTML 4Page - Linear Technology LTC1049CS8 Datasheet HTML 5Page - Linear Technology LTC1049CS8 Datasheet HTML 6Page - Linear Technology LTC1049CS8 Datasheet HTML 7Page - Linear Technology LTC1049CS8 Datasheet HTML 8Page - Linear Technology LTC1049CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1049
3
1049fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Connecting any terminal to voltages greater than V+ or less than
V– may cause destructive latch-up. It is recommended that no sources
operating from external supplies be applied prior to power-up of the
LTC1049.
Voltage Noise vs Frequency
Output Short-Circuit Current vs
Supply Voltage
Supply Current vs Temperature
Supply Current vs Supply Voltage
Gain/Phase vs Frequency
Common Mode Input Range vs
Supply Voltage
FREQUENCY (Hz)
60
100
140
40
80
120
10
1k
10k
100k
LTC1049 • TP01
20
100
TOTAL SUPPLY VOLTAGE (V)
5
100
160
220
280
340
6789
10 11 12 13 14 15
LTC1049 • TPC04
400
TEMPERATURE (
°C)
–50
0
200
500
0
50
75
LTC1049 • TPC05
100
400
300
–25
25
100
125
SUPPLY VOLTAGE (
±V)
0
0
4
8
LTC1049 • TPC02
–4
–8
2
4
6
1
3
5
7
8
–2
2
–6
6
VCM = V
–
FREQUENCY (Hz)
0
20
60
100
120
100
10k
100k
10M
LTC1049 • TPC03
–20
1k
1M
80
40
–40
180
160
120
80
60
200
100
140
220
PHASE
VS = ± 5V
NO LOAD
GAIN
TOTAL SUPPLY VOLTAGE, V+ TO V–(V)
4
–9
–6
–3
0
0.4
1.2
6
810
12
LTC1049 • TPC06
14
16
0.8
≈
≈
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Note 3: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 4: Current Noise is calculated from the formula:
IN = √(2q • Ib)
where q = 1.6 • 10–19 Coulomb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com