Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1049CS8
Description  Low Power Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1049CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1049CS8 Datasheet HTML 4Page - Linear Technology LTC1049CS8 Datasheet HTML 5Page - Linear Technology LTC1049CS8 Datasheet HTML 6Page - Linear Technology LTC1049CS8 Datasheet HTML 7Page - Linear Technology LTC1049CS8 Datasheet HTML 8Page - Linear Technology LTC1049CS8 Datasheet HTML 9Page - Linear Technology LTC1049CS8 Datasheet HTML 10Page - Linear Technology LTC1049CS8 Datasheet HTML 11Page - Linear Technology LTC1049CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1049
12
1049fb
LT 0406 REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1991
Thermocouple-Based Temperature to Frequency Converter
= 74C14
*IRC/TRW–MTR–5/+120ppm
†POLYSTYRENE
IS = 360µA
SUPPLY RANGE = 4.5V to 10V
OUTPUT
0 – 100
°C=
0 – 1kHz
0.47
µF
K
0.02
µF
6V
GND
C3
6.81k*
1.5k
1M
6V
10k
Q2
2N3906
C1
100pF
NC
Q1
2N3904
l1
l2
l3
100k
LT1025
2
1
3
S3
S4
S2
67
8
LT1004 – 1.2
10
C2
390pF †
LTC201
S1
15
16
14
11
9
6.8
µF
6V
C4
300pF
100k
240k
LTC1049 • TA04
–
TYPE K
THERMO-
COUPLE
100
°C
TRIM
R–
+
V +
+
+
–
LTC1049
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com