Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1049CS8
Description  Low Power Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1049CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1049CS8 Datasheet HTML 1Page - Linear Technology LTC1049CS8 Datasheet HTML 2Page - Linear Technology LTC1049CS8 Datasheet HTML 3Page - Linear Technology LTC1049CS8 Datasheet HTML 4Page - Linear Technology LTC1049CS8 Datasheet HTML 5Page - Linear Technology LTC1049CS8 Datasheet HTML 6Page - Linear Technology LTC1049CS8 Datasheet HTML 7Page - Linear Technology LTC1049CS8 Datasheet HTML 8Page - Linear Technology LTC1049CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1049
5
1049fb
LTC1049 DC to 10Hz Noise
TYPICAL PERFOR A CE CHARACTERISTICS
1s/DIV
10Hz NOISE
1
µV/DIV
NOISE VOLTAGE
1
µV/DIV
LTC1049•TPC14
VS = ± 5V
Electrical Characteristics Test Circuit
DC to 10Hz and DC to 1Hz Noise Test Circuit
FREQUENCY (Hz)
60
100
140
40
80
120
10
1k
10k
100k
LTC1049 • TP01
20
100
SUPPLY VOLTAGE (
±V)
0
0
4
8
LTC1049 • TPC02
–4
–8
2
4
6
1
3
5
7
8
–2
2
–6
6
VCM = V
–
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com