Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1235CSW
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1235CSW Datasheet HTML 3Page - Linear Technology LTC1235CSW Datasheet HTML 4Page - Linear Technology LTC1235CSW Datasheet HTML 5Page - Linear Technology LTC1235CSW Datasheet HTML 6Page - Linear Technology LTC1235CSW Datasheet HTML 7Page - Linear Technology LTC1235CSW Datasheet HTML 8Page - Linear Technology LTC1235CSW Datasheet HTML 9Page - Linear Technology LTC1235CSW Datasheet HTML 10Page - Linear Technology LTC1235CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1235
7
1235fa
PIN FUNCTIONS
high when ever there is a transition on the WDI pin, or
LOW LINE goes low. The watchdog timer can be disabled
by floating WDI (see Figure 11).
RESET (Pin 15): Logic output for μP reset control. The
LTC1235 provides three ways to generate μP reset. First,
whenever VCC falls below either the reset voltage threshold
(4.65V, typically) or VBATT, RESET goes active low. After
VCC returns to 5V, the reset pulse generator forces RESET
to remain active low for a minimum of 140ms. Second,
when the watchdog timer is enabled but not serviced
prior to the time-out period, the reset pulse generator
also forces RESET to active low for a minimum of 140ms
for every time-out period (see Figure 11). Third, when the
PB RST pin stays active low for a minimum of 40ms,
RESET is forced low by reset pulse generator. The RESET
signal will remain active low for a minimum of 140ms from
the moment the push-button reset input is released from
logic low level.
RESET (Pin 16):
RESET is an active high logic output. It
is the inverse of RESET.
BLOCK DIAGRAM
CHARGE
PUMP
M2
M1
VBATT
VCC
PFI
60k
VCC
WDI
RESET
BATT ON
VOUT
1.3V
GND
C1
–
+
–
+
C2
TRANSITION
DETECTOR
–
+
WDO
RESET
PFO
LOW LINE
CE OUT
1235 BD
CE IN
MEMORY
LOGIC
RESET PULSE
GENERATOR
WATCHDOG
TIMER
LEVEL SENSE
AND
DEBOUNCE
OSC
BACKUP
PB RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com