Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1235CSW
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1235CSW Datasheet HTML 1Page - Linear Technology LTC1235CSW Datasheet HTML 2Page - Linear Technology LTC1235CSW Datasheet HTML 3Page - Linear Technology LTC1235CSW Datasheet HTML 4Page - Linear Technology LTC1235CSW Datasheet HTML 5Page - Linear Technology LTC1235CSW Datasheet HTML 6Page - Linear Technology LTC1235CSW Datasheet HTML 7Page - Linear Technology LTC1235CSW Datasheet HTML 8Page - Linear Technology LTC1235CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1235
1
1235fa
TYPICAL APPLICATION
DESCRIPTION
Microprocessor
Supervisory Circuit
Battery Life vs
Backup Duty Cycle
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Guaranteed Reset Assertion at VCC = 1V
n 1.5mA Maximum Supply Current
n Fast (35ns Max.) Onboard Gating of RAM Chip
Enable Signals
n Conditional Battery Backup Extends Battery Life
n 4.65V Precision Voltage Monitor
n Power OK/Reset Time Delay: 200ms
n External Reset Control
n Minimum External Component Count
n 1μA Maximum Standby Current
n Voltage Monitor for Power Fail or Low Battery
Warning
n Thermal Limiting
n Performance Specified Over Temperature
n All the LTC695 Features Plus Conditional Battery
Backup and External Reset Control
n Critical μP Power Monitoring
n Intelligent Instruments
n Battery-Powered Computers and Controllers
n Automotive Systems
The LTC®1235 provides complete power supply monitoring
and battery control functions for microprocessor reset,
battery backup, RAM write protection, power failure warn-
ing and watchdog timing. The LTC1235 has all the LTC695
features plus conditional battery backup and external reset
control. When an out-of-tolerance power supply condition
occurs, the reset outputs are forced to active states and
the Chip Enable output write-protects external memory.
The RESET output is guaranteed to remain logic low with
VCC as low as 1V. External reset control is provided by a
debounced pushbutton reset input.
The LTC1235 powers the active CMOS RAMs with a charge
pumped NMOS power switch to achieve low dropout and
low supply current. When primary power is lost, auxiliary
power, connected to the battery input pin, provides backup
power to the RAMs. The LTC1235 can be programmed by
a P signal to either back up the RAMs or not. This extends
the battery life in situations where RAM data need not
always be saved when power goes down.
For an early warning of impending power failure, the
LTC1235 provides an internal comparator with a user-
defined threshold. An internal watchdog timer is also
available, which forces the reset pins to active states when
the watchdog input is not toggled prior to the time-out
period.
+
+
ADJ
VIN
VOUT
10μF
VIN ≥ 7.5V
+5V
100μF
0.1μF
LTC1235
VOUT
VCC
VBATT
PFI
WDI
μP NMI
μP
POWER
POWER TO
CMOS RAM
I/O LINE
μP RESET
μP
SYSTEM
0.1μF
+3V
51k
10k
1235 TA1
RESET
PFO
LT1086-5
THE LTC1235 EXTENDS BATTERY LIFE BY PROVIDING BATTERY POWER ONLY WHEN REQUIRED TO BACK UP RAM DATA.
IT SAVES THE BATTERY WHEN NO DATA BACKUP IS NEEDED. THE μP REQUESTS BACKUP WITH THE BACKUP PIN.
I/O LINE
BACKUP
PB RST
BACKUP DUTY CYCLE (%)
0
6
8
10
80
1235 TA02
4
2
0
20
40
60
100
1
3
5
7
9
LTC1235
LTC695
(WITHOUT
CONDITIONAL
BATTERY
BACKUP)


Similar Part No. - LTC1235CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235CS LINER-LTC1235CS Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
More results

Similar Description - LTC1235CSW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com